![]() |
Electronic Components Datasheet Search |
|
MT-074 Datasheet(PDF) 2 Page - Analog Devices |
|
|
MT-074 Datasheet(HTML) 2 Page - Analog Devices |
2 / 5 page ![]() MT-074 Note that the SHA switches are connected directly to each of the inputs. Switching transients can be significant, because there is no isolation buffer. The drive amplifier settling time to the transients must be fast enough so that the amplifier settles to the required accuracy in less than one-half the sampling period (this settling time must include the effects of any external series resistance). The differential input impedance of this structure is dynamic and changes when the SHA switches between the sample mode and the hold mode. In addition, the impedance is a function of the analog input frequency. In the track mode (shown in the figure), the input signal charges and discharges the hold capacitors, CH. When the circuit switches to the hold mode the switches reverse their positions, and the voltage across the hold capacitors is transferred to the outputs. It is highly recommended that this type of input be driven differentially for common-mode rejection of the switching transients. While it is possible to drive them single-ended (with one input connected to the appropriate common-mode voltage), degradation in SFDR will occur because the even-order distortion products are no longer rejected. Figure 2 (A) shows each of the differential inputs of a typical unbuffered CMOS ADC as well as the sampling clock. The inputs were driven with a 50 Ω source resistance. Note that a transient occurs on each edge of the sampling clock because of the switching action previously described. Figure 2(B) shows the differential input signal to the ADC under the same conditions as (A). Note that most of the transient current glitches are cancelled because they are common-mode signals. Note that for cancellation to be optimum the two inputs must be driven from a balanced source impedance (the real and reactive components of the impedance must be matched). Differential charge transient is symmetrical around mid-scale and dominated by linear component Common-mode transients cancel with equal source impedance Note: Data Taken with 50 Ω Source Resistances (A) SINGLE ENDED (B) DIFFERENTIAL SAMPLING CLOCK SAMPLING CLOCK Differential charge transient is symmetrical around mid-scale and dominated by linear component Common-mode transients cancel with equal source impedance Note: Data Taken with 50 Ω Source Resistances (A) SINGLE ENDED (B) DIFFERENTIAL SAMPLING CLOCK SAMPLING CLOCK Figure 2: Typical Single-Ended (A) and Differential (B) Input Transients of CMOS Switched Capacitor ADC Page 2 of 5 |
Similar Part No. - MT-074 |
|
Similar Description - MT-074 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |