Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT-074 Datasheet(PDF) 1 Page - Analog Devices

Part # MT-074
Description  Differential Drivers for Precision ADCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MT-074 Datasheet(HTML) 1 Page - Analog Devices

  MT-074 Datasheet HTML 1Page - Analog Devices MT-074 Datasheet HTML 2Page - Analog Devices MT-074 Datasheet HTML 3Page - Analog Devices MT-074 Datasheet HTML 4Page - Analog Devices MT-074 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MT-074
TUTORIAL
Differential Drivers for Precision ADCs
DIFFERENTIAL INPUT ADC CHARACTERISTICS
Many high performance ADCs are now being designed with differential inputs. A fully
differential ADC design offers the advantages of good common-mode rejection, reduction in
second-order distortion products, and simplified dc trim algorithms. Although they can be driven
single-ended, a fully differential driver usually optimizes overall performance.
One of the most common ways to drive a differential input ADC is with a transformer. However,
there are many applications where the ADCs cannot be driven with transformers because the
frequency response must extend to dc. In these cases, differential drivers are required. This
tutorial focuses on driving high resolution 16- to 18-bit ADCs with sampling rates up to 10
MSPS. The bandwidth of the input signals is generally limited to a few MHz. Tutorial MT-075
discusses differential amplifiers suitable for driving higher speed ADCs.
Most high performance CMOS switched capacitor pipelined ADCs have differential inputs.
similar to that shown in Figure 1.
Rev.0, 10/08, WK
Page 1 of 5
Figure 1: Simplified Input Circuit for a Typical Unbuffered Switched
Capacitor CMOS Sample-and-Hold
The differential structure is typically carried through most of the ADC. This makes matching
requirements easier as well as reduces second-order products. In addition, the differential
structure helps in common-mode noise rejection.
VINB
+
-
ZIN IS A FUNCTION OF:
TRACK MODE VS. HOLD MODE
INPUT FREQUENCY
A
VINA
CP
CP
S1
S2
S3
S4
S6
S5
CH
5pF
CH
5pF
SWITCHES SHOWN IN TRACK MODE
S7
ZIN


Similar Part No. - MT-074

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MT-075 AD-MT-075 Datasheet
190Kb / 9P
Differential Drivers for High Speed ADCs Overview
REV. 0
MT-076 AD-MT-076 Datasheet
101Kb / 9P
Differential Driver Analysis
Rev.0, 10/08, WK
More results

Similar Description - MT-074

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MT-075 AD-MT-075 Datasheet
190Kb / 9P
Differential Drivers for High Speed ADCs Overview
REV. 0
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
Precision, Differential SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
Precision, Differential SAR ADCs
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
AD4002 AD-AD4002 Datasheet
599Kb / 36P
Precision, Pseudo Differential, SAR ADCs
ADA4930-1 AD-ADA4930-1_16 Datasheet
491Kb / 25P
Ultralow Noise Drivers for Low Voltage ADCs
ADA4930-1 AD-ADA4930-1_17 Datasheet
625Kb / 25P
Ultralow Noise Drivers for Low Voltage ADCs
ADA4930-1 AD-ADA4930-1 Datasheet
674Kb / 28P
Ultralow Noise Drivers for Low Voltage ADCs
REV. A
logo
Agere Systems
DS99144 AGERE-DS99144 Datasheet
255Kb / 16P
QUAD DIFFERENTIAL DRIVERS
logo
National Semiconductor ...
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
Quad Differential Drivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com