Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5956 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5956
Description  Multifunction voltage regulator for car radio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5956 Datasheet(HTML) 1 Page - STMicroelectronics

  L5956_11 Datasheet HTML 1Page - STMicroelectronics L5956_11 Datasheet HTML 2Page - STMicroelectronics L5956_11 Datasheet HTML 3Page - STMicroelectronics L5956_11 Datasheet HTML 4Page - STMicroelectronics L5956_11 Datasheet HTML 5Page - STMicroelectronics L5956_11 Datasheet HTML 6Page - STMicroelectronics L5956_11 Datasheet HTML 7Page - STMicroelectronics L5956_11 Datasheet HTML 8Page - STMicroelectronics L5956_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
June 2011
Doc ID 13852 Rev 3
1/17
1
L5956
Multifunction voltage regulator for car radio
Features
Four outputs:
– 8.5 V @ 500 mA
– 5 V @ 300 mA permanent
– 5 V @ 800 mA
– 3.3 V @ 800 mA
2 A high side driver
Reset function
Ignition comparator
Load dump protection
Thermal shutdown
Overcurrent limitation
All pins ESD protected
Description
The L5956 contains a triple voltage regulator and
a power switch.
The IC includes a monitoring circuit for detection.
The IC features a very low quiescent under standby.
PowerSO20 (slug-up)
Multiwatt 15 (vertical)
Table 1.
Device summary
Order code
Package
Packing
L5956
Multiwatt 15 (vertical)
Tube
L5956PD
PowerSO20
Tube
L5956PDTR
PowerSO20
Tape and reel
www.st.com


Similar Part No. - L5956_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5956PD STMICROELECTRONICS-L5956PD Datasheet
231Kb / 16P
   Multifunction voltage regulator for car radio
L5956PDTR STMICROELECTRONICS-L5956PDTR Datasheet
231Kb / 16P
   Multifunction voltage regulator for car radio
More results

Similar Description - L5956_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
   Multifunction voltage regulator for car radio
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
   Multifunction voltage regulator for car radio
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
   Multifunction voltage regulator for car radio
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
   Multifunction voltage regulator for car radio
July 2010 Rev 1
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
   Multiple multifunction voltage regulator for car radio
L4954 STMICROELECTRONICS-L4954 Datasheet
63Kb / 7P
   QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com