Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5956 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5956
Description  Multifunction voltage regulator for car radio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5956 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5956_11 Datasheet HTML 5Page - STMicroelectronics L5956_11 Datasheet HTML 6Page - STMicroelectronics L5956_11 Datasheet HTML 7Page - STMicroelectronics L5956_11 Datasheet HTML 8Page - STMicroelectronics L5956_11 Datasheet HTML 9Page - STMicroelectronics L5956_11 Datasheet HTML 10Page - STMicroelectronics L5956_11 Datasheet HTML 11Page - STMicroelectronics L5956_11 Datasheet HTML 12Page - STMicroelectronics L5956_11 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
L5956
Electrical specifications
Doc ID 13852 Rev 3
9/17
VHOLD R
Low VIN1 threshold
VIN1 Low TH.
9
9.5
10
V
VHYS (HOLD_L) Hysteresis low TH.
-
50
150
200
mV
VHOLD F
High VIN1 threshold
VIN1 High TH.
182022
V
VHYS (HOLD_M) Hysteresis high TH.
-
200
500
mV
IGNITION BUFFER (push-pull with Schmidt trigger)
IGNIN
IGNout falling
-
1.031.171.28
V
IGNIN
IGNout rising
-
1.181.271.33
V
Vhys(IGNout)
Hysteresis of ignition buffer
-
-
50
-
mV
IHsource(IGNout) High level source current
IGNout = 0 V
1000
1500
2000
µA
ILsink(IGNout)
Low level sink current
IGNout = 5 V
101520
mA
Vol
Low level
ILsink (IGNout) = 1 mA
-
0.3
0.5
V
Voh
High level
-
4.5
Vreg2
5.5
V
IGNRISE
Rising time
C = 15 pF
-
-
10
µs
IGNFALL
Fall time
C = 15 pF
-
-
10
µs
ICLAMP
Input clamp current
VCC < VIGN < 50 V
-
-
2
mA
IGNIN
Input voltage
Operative
0
-
50
V
ENABLE INPUT (regulators 1,3,4 and power switch)
VTH
Voltage threshold
-
1.3
1.8
2.3
V
ENIN
Input voltage
Operative
0
-
5
V
1.
“Non operating” should be intended as a condition outside the absolute maximum ratings defined for the IC. As such, if the
device is operated under such conditions, it is not guaranteed that the electrical parameters are inside the specification
range.
2.
Drop condition means that the supply voltage drop down to 100 mV from the regulated output and the regulator is sourcing
its maximal load current.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit


Similar Part No. - L5956_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5956PD STMICROELECTRONICS-L5956PD Datasheet
231Kb / 16P
   Multifunction voltage regulator for car radio
L5956PDTR STMICROELECTRONICS-L5956PDTR Datasheet
231Kb / 16P
   Multifunction voltage regulator for car radio
More results

Similar Description - L5956_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
   Multifunction voltage regulator for car radio
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
   Multifunction voltage regulator for car radio
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
   Multifunction voltage regulator for car radio
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
   Multifunction voltage regulator for car radio
July 2010 Rev 1
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
   Multiple multifunction voltage regulator for car radio
L4954 STMICROELECTRONICS-L4954 Datasheet
63Kb / 7P
   QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com