Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDH16G65C5 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IDH16G65C5
Description  650V SiC thinQ!??Generation 5 diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDH16G65C5 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IDH16G65C5 Datasheet HTML 1Page - Infineon Technologies AG IDH16G65C5 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
ThinQ!™ Generation 5 represents Infineon’s leading edge technology for
SiC Schottky Barrier diodes. The Infineon proprietary diffusion soldering
process, already introduced with G3, is now combined with a new, more
compact design and thin wafer technology. The result is a new family of
products showing improved efficiency over all load conditions, coming from
both the improved thermal characteristics and a lower figure of merit (Q
c x Vf).
The new thinQ!™ Generation 5 has been designed to complement our 650V
CoolMOS™ families: this ensures meeting the most stringent application
requirements in this voltage range.
„
V
br at 650V
„
Improved Figure of Merit (Q
c x Vf)
„
No reverse recovery charge
„
Soft switching reverse
recovery waveform
„
Temperature independent
switching behavior
„
High operating temperature
(T
j max 175°C)
„
Improved surge capability
„
Pb-free lead plating
„
10 years manufacturing of SiC diodes
Benefits
„
Higher safety margin against
Overvoltage; best match with
CoolMOS™ 650V products
„
Improved efficiency over all
load conditions
„
Increased efficiency compared to
Silicon Diode alternatives
„
Reduced EMI compared to snappier
Silicon diode reverse recovery
waveform
„
Highly stable switching performance
„
Reduced cooling requirements
„
Reduced risks of thermal runaway
„
RoHS compliant
„
High quality know-how and capacity
in SiC diode manufacture
Applications
„
Telecom/Server SMPS
„
Solar/UPS
„
PC Silverbox
„
LED/LCD TV
„
Motor Drives
„
HID lighting
www.infineon.com/sic
Features
650V SiC thinQ!™ Generation 5 diodes
Your way is our way: improve efficiency and solution costs
Experimental results
Efficiency comparison among the three
IFX generations of 8A SiC diodes
a) Absolute values
b) Referred to thinQ!™ Gen 5
(CCM PFC, High line, Pout max=1800 W,
f
SW=65 kHz, THS=60°C,
MOSFET: IPW60R075CP)
97.0
97.5
98.0
98.5
10%
20%
30%
40%
50%
60%
70%
80%90%
100%
- 0.15
- 0.10
- 0.05
0.00
0.05
0.10
0.15
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Output Power [% nominal]
Output Power [% nominal]
Generation 5
Generation 3
Generation 2
Generation 5
Generation 3
Generation 2
a)
b)


Similar Part No. - IDH16G65C5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH16G65C5 INFINEON-IDH16G65C5 Datasheet
1Mb / 11P
SiC Silicon Carbide Diode
Rev. 2.2, 2012-12-10
IDH16G65C5 INFINEON-IDH16G65C5 Datasheet
1Mb / 11P
5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2012-12-10
IDH16G65C5XKSA2 INFINEON-IDH16G65C5XKSA2 Datasheet
1Mb / 11P
5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2012-12-10
IDH16G65C5 INFINEON-IDH16G65C5_12 Datasheet
1Mb / 11P
ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDH16G65C5 INFINEON-IDH16G65C5_V01 Datasheet
1Mb / 11P
5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2012-12-10
More results

Similar Description - IDH16G65C5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDC06S60C INFINEON-IDC06S60C Datasheet
61Kb / 4P
2nd generation thinQ SiC Schottky Diode
05.04.2006
IDC08S60C INFINEON-IDC08S60C Datasheet
59Kb / 4P
2nd generation thinQ SiC Schottky Diode
27.04.2006
IDT12S60C INFINEON-IDT12S60C Datasheet
236Kb / 7P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDB10S60C INFINEON-IDB10S60C Datasheet
575Kb / 7P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2009-01-07
IDH06S60C INFINEON-IDH06S60C Datasheet
440Kb / 7P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2009-06-02
IDT05S60C INFINEON-IDT05S60C_08 Datasheet
426Kb / 7P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-06
IDV03S60C INFINEON-IDV03S60C Datasheet
1Mb / 10P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.1, 2010-02-16
IDV04S60C INFINEON-IDV04S60C Datasheet
1Mb / 10P
2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2010-01-08
IDW10G65C5 INFINEON-IDW10G65C5_V01 Datasheet
1Mb / 11P
5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2013-01-15
IDH16G65C5 INFINEON-IDH16G65C5_V01 Datasheet
1Mb / 11P
5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2012-12-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com