Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 60 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 60 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 56Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 57Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 58Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 59Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 60Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 61Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 62Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 63Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 64Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
– 60 –
CXD2724AQ-3
0000H
36.0ms
6340H
6360H
tp_fb
ap0_in
69.6ms (0000H to bfe0H)
9180H
ap0_out
91a0H
ap1_in
bfe0H
ap1_out
16.8ms
16.8ms
Fig. 8-5-3. Delay Time Setting Example (1/2 Decimation)
Note) Assuming the tap read address to be 0000H, the comb filter has a delay time of "0". However, the all
pass filters are delayed by one sample after reading from the delay RAM.
Therefore, perfect through operation is not possible even if (write address) = (read address).
Table 8-5-12. SFC Mode Delay Time Setting Value Examples
(7)-2. All Pass Filters (APF0, APF1)
The all pass filter delay times are determined by (read address) – (write address - 0020H). Set ap∗_in and
ap∗_out so that this subtraction results in the target delay time setting value. The calculation method is the
same as that for tp_fb.
Example) When setting a maximum comb filter delay time of 36ms and splitting the remainder evenly
between APF0 and APF1.
(1/2 decimation)
(bfe0H – 6340H)/2 = 2e50H
The address is specified in 0020H increments, so 2e40H is used for APF0, and 2e60H for APF1.
tp_fb = 6340H, so:
ap0_in = 6360H, ap0_out = 6340H + 2e40H = 9180H
ap1_in = 91a0H, ap1_out = 9180H + 2e60H = bfe0H
0020H
0040H
·
·
3720H
·
6e40H
·
a560H
·
bf80H
bfa0H
0.022ms
0.045ms
·
·
10.000ms
·
20.000ms
·
30.000ms
·
34.739ms
34.761ms
0.045ms
0.090ms
·
·
20.000ms
·
40.000ms
·
60.000ms
·
69.478ms
69.523ms
0.068ms
0.136ms
·
·
30.000ms
·
60.000ms
·
90.000ms
·
104.217ms
104.285ms
Setting
value
Delay (fs = 44.1kHz)
1/1 (No decimation)
1/2 decimation
1/3 decimation


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com