Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 7Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 8Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 9Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 10Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 11Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 12Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 13Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 14Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
– 11 –
CXD2724AQ-3
2-2. When Pro Logic mode is off
Unless otherwise specified, the measurement conditions are as given below.
• Digital data = Full scale (0dBFS)
• fIN = 1kHz
Channels
L, R
C, S
L, R
C, S
L, R
C, S
L, R
C, S
(all)
Min.
Typ.
100
91
0.03
0.007
0.007
0.01
87
83
2.0
Max.
Unit
dB
%
dB
Vrms
Item
S/N ratio
THD + N∗41
Dynamic range∗42
Output level∗43
Measurement conditions
EIAJ
(with "A" weighting filter)
EIAJ (0dB)
EIAJ (–3dB)
EIAJ (–60dB)
41 See Graphs 2a and 2b.
42 THD + N during –60dB input
43 The output level depends on supply voltage AVDn as shown in (Formula 3) below.
Output level [Vrms] = 1.9 [Vrms]
×
(Formula 3)
Supply voltage AVDn [V]
5.0 [V]
–60
–50
–40
–30
–20
–10
0
0.001
0.01
0.1
1
10
Graph 2b. C, S Channel Characteristics
Digital input level [dB]
0dB = Full scale
fin = 1kHz
–60
–50
–40
–30
–20
–10
0
0.001
0.01
0.1
1
10
Graph 2a. L, R Channel Characteristics
Digital input level [dB]
0dB = Full scale
fin = 1kHz


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com