Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 4Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 5Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 6Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 7Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 8Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 9Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 10Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 11Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
– 8 –
CXD2724AQ-3
Analog Characteristics
(AVD0 to 6 = VDD0 to 2 = AVDX = 5.0V, AVS0 to 6 = VSS0 to 7 = AVSX = 0.0V, fs = 44.1kHz, Ta = 25°C)
When Pro Logic mode is on, the input signal level while measuring the center (C) and surround (S) channels
should be –3dB smaller than the input level while measuring the left (L) and right (R) channels. Note that the C
channel is input in-phase to the L channel, and the S channel is input at reversed phase to the R channel.
The input level is the same for all measurement items when Pro Logic mode is off.
1. ADC + DAC Connection Total Characteristics
In addition to the ADC and DAC, the total characteristics include the prefilter with built-in operational amplifier,
built-in post filter, and trim volume. Use the analog I/O circuits in the Application Circuit for the measurement
circuit.
1-1. When Pro Logic mode is on
Unless otherwise specified, the measurement conditions are as given below.
• VIN (L, R) = 300mVrms, VIN (C, S) = 212mVrms (= 0dB)
• fIN = 1kHz
1 When V
IN
= 200mVrms (= –3.52dB), the S/N ratio is 3.52dB smaller than the values noted in the table above.
2 V
IN
(L, R) = 2.0Vrms, VIN (C, S) = 1.414Vrms
3 V
IN
(L, R) = 300mVrms, VIN (C, S) = 212mVrms
4 V
IN
(L, R) = 200mVrms, VIN (C, S) = 141mVrms
5 When the L and R channel gain deviation is 0.1dB or less for the ADC front-end prefilter output.
6 Includes the amplification (L/Rch...5.27dB, C/Sch...13.72dB) of the external amplifier.
7 The trim volume is set to 0dB.
L, R
C, S
L, R
C
S
L, R
C, S
L, R
C, S
L, R
C, S
L, R
C
S
L, R
C, S
(all)
(all)
L, R
C, S∗7
70
65
25
25
250
80
72
60
56
64
0.04
0.007
0.015
0.03
0.02
0.04
0.12
0.18
0.04
16.5
60
40
280
±0.2
36
91
3.9
–13.2
1.00
1.00
310
dB
%
dB
dB
Vrms
dB
mA
dB
S/N ratio∗1
THD + N
Head room
Matrix rejection
Output level
Level difference between channels
Current consumption
Power supply rejection
ratio∗6
CCIR/ARM filter
10Hz to 500kHz
10Hz to 20kHz
VIN = 16.5dB∗2
10Hz to 20kHz
VIN = 0dB∗3
10Hz to 20kHz
VIN = –3.52dB∗4
10Hz to 500kHz
10Hz to 20kHz, THD + N = 1%
5
Analog system (including oscillator circuit)
Digital system
1mVrms, 100Hz sine wave
Channels
Min.
Typ.
Max.
Unit
Item
Measurement conditions


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com