Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 3Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 4Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 5Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 6Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 7Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 8Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 9Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 10Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
– 7 –
CXD2724AQ-3
Microcomputer Interface Timing
Transfer timing for address section, transfer mode section and data section LSB
Transfer timing from data section MSB to address section and transfer mode section
Notes) 1. t is the cycle of 2/3 the clock frequency applied to the XTLI pin. (512fs)
2. The REDY pin is the value for CL = 60pF.
Item
RVDT data setup time relative to SCK rise
RVDT data hold time from SCK rise
SCK Low level width
SCK High level width
XLAT Low level width
XLAT High level width
SCK rise preceding time relative to XLAT rise
SCK rise wait time relative to XLAT rise
Delay time to REDY fall relative to SCK rise
REDY fall preceding time relative to SCK rise
REDY rise preceding time relative to XLAT rise
REDY rise preceding time relative to SCK fall
XLAT fall wait time relative to SCK rise
XLAT fall delay time relative to REDY fall
SCK rise wait time for next transfer
Symbol
tDS
tDH
tSWL
tSWH
tLWL
tLWH
tSLP
tLSD
tSBD
tBSP
tRLP
tRSDP
tSLD
tLDR
tSS
Min.
20
1t + 20
1t + 20
1t + 20
1t + 20
1t + 20
20
3t + 20
20
20
20
3t + 20
20
2t + 40
Max.
4t + 50
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
RVDT
SCK
tSWL
tSWH
tDS
tDH
Address LSB
Mode MSB
0.3VDD
0.7VDD
0.3VDD
0.7VDD
tSLP
tLSD
tLWL
0.3VDD
0.7VDD
XLAT
REDY
Data LSB
Data MSB
RVDT
SCK
XLAT
REDY
Mode MSB
0.3VDD
0.7VDD
Address LSB
Data MSB
tSS
tLDR
tSBD
tSLD
tBSP
0.3VDD
0.7VDD
tRLP
0.3VDD
0.7VDD


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER?
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
logo
Sony Corporation
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
Single-Chip Dolby Pro Logic Surround Decoder
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
Single-Chip Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
Dolby Pro Logic Surround Decoder
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
Dolby Pro Logic Surround Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com