Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 2Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 3Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 4Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 5Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 6Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 7Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 8Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 9Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
– 6 –
CXD2724AQ-3
AC Characteristics
(AVD1 to 6 = AVDX = VDD0 to 2 = 5V ± 5%, AVS1 to 6 = AVDX = VSS0 to 7 = 0V, Ta = –20 to +70°C)
Input Timing from Power-on to Input Pin
•••••
VDD
XTLI
XRST
Input pins
0.7VDD
0.3VDD
1/fs or more
1/fs or more
Determined by the crystal and other external circuit conditions
Stable (clock applied correctly)
0.8VDD
0.2VDD
0.95VDD
First input
BCK
SI
LRCK
tHLR
tSLR
0.7VDD
0.3VDD
0.7VDD
0.3VDD
tSSI
tHSI
0.7VDD
0.3VDD
BCK
LRCK
tDLR
Serial Audio Interface Timing
[Slave mode]
[Master mode]
Item
SI setup time
SI hold time
LRCK setup time
LRCK hold time
LRCK delay time
Symbol
tSSI
tHSI
tSLR
tHLR
tDLR
Conditions
Slave mode
Slave mode
Slave mode
Slave mode
Master mode, CL = 120pF
Min.
20
40
20
40
Max.
50
Unit
ns
ns
ns
ns
ns


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com