Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 59 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 59 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 55Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 56Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 57Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 58Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 59Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 60Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 61Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 62Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 63Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
– 59 –
CXD2724AQ-3
(7) Delay Time Settings
[Relevant data] Coefficients: Ltp0 (81H), Ltp1 (82H), Ltp2 (83H), Ltp3 (84H), Ltp4 (85H), Rtp0 (86H),
Rtp1 (87H), Rtp2 (88H), Rtp3 (89H), Rtp4 (8aH), Stp0 (8bH), Stp1 (8cH),
Stp2 (8dH), Stp3 (8eH), tp_fb (8fH), ap0_in (90H), ap0_out (91H),
ap1_in (92H), ap1_out (93H)
Setup: SQA05, SQA04, SQC07, SQC06
First, select No decimation, 1/2 decimation or 1/3 decimation.
1/1 (No decimation): SQA11, 10 = "00", SQC07, 06 = "00"
1/2 decimation:
SQA11, 10 = "01", SQC07, 06 = "01"
1/3 decimation:
SQA11, 10 = "10", SQC07, 06 = "1∗" (∗ = Don't care)
Next, set tp_fb (8fH) which determines the comb filter delay time, and ap0_in (90H), ap0_out (91H), ap1_in
(92H) and ap1_out (93H) which determine the all pass filter delay times.
The following conditions apply.
• 0
≤ tp_fb, tp_fb + 0020H ≤ ap0_in ≤ ap0_out, ap0_out + 0020H ≤ ap1_in ≤ ap1_out ≤ bfe0H
• 0
≤ Comb filter tap (Ltp0 to Stp3) ≤ tp_fb
Note) The minimum unit for all the above coefficients is "0020H". Values larger than this are ignored.
(7)-1. Comb Filter
First, set the comb filter maximum delay time tp_fb (8fH). The coefficient value is calculated as follows.
(Dly) Decimal = (Delay [s])
× fs [Hz] × 32
(The delay value is multiplied by 1/2 and 1/3 during 1/2 and 1/3 decimation, respectively.)
Next set the delay times for the comb filter taps, and calculate the coefficient values in the same manner as for
tp_fb. (0
≤ Tap ≤ tp_fb)
Example) For a maximum delay time of 36ms (1/2 decimation, fs = 44100Hz)
0.036
× (1/2) × 44100 × 32 = 25401.6
Rounding up to 25402 and converting to hexadecimal notation:
633aH
However, the address is specified in 0020H increments, so this becomes:
6340H
Therefore, set all (14) of the L, R and S channel taps to 6340H (36 ms) or less. For example, the L
channel settings could be:
Ltp0 = 1ba0H (10ms)
Ltp1 = 2960H (15ms)
Ltp2 = 3720H (20ms)
Ltp3 = 44e0H (25ms)
Ltp4 = 52c0H (30ms)
Set the R and S channels in the same manner.


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com