Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 54 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 54 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 50Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 51Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 52Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 53Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 54Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 55Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 56Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 57Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 58Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
– 54 –
CXD2724AQ-3
(4) Compressor
[Relevant data] Coefficients: k (02H), XthP (03H), XthM (04H), Ksd (05H), Ap (06H), Am (07H), Bp (08H),
Bm (09H), Cp (0aH), Cm (0bH)
The parameter table is shown in Table 8-5-7, and the I/O characteristics in Fig. 8-5-2.
Compressor ON: Ksd (05H) = 8000H
Compressor OFF: Ksd (05H) = 0000H
Comp_5
Comp_4
Comp_3
Comp_2
Comp_1
Threshold
XthP
Gain
k
Coefficient
Ap
Am
Bp
Bm
Cp
Cm
XthM
∞ [dB]
6.0 [dB]
0
0000
0
0000
2.0
4000
–20 [dB]
5.2 [dB]
–1/10
F334
1/10
0CCC
20/11
3A2E
–17 [dB]
4.4 [dB]
–1/7
EDB7
1/7
1249
5/3
3555
–14 [dB]
2.9 [dB]
–1/5
E667
1/5
1999
7/5
2CCC
–9.5 [dB]
1.6 [dB]
–1/3
D556
1/3
2AAA
6/5
2666
–1.0
E000
–100/99
DFAE
–49/54
E2F7
–5/8
EC00
–9/20
F19A
1.0
2000
100/99
2052
49/54
1D09
5/8
1400
9/20
0E66
2.0
4000
200/99
40A5
52/27
3DA1
33/20
34CC
3/2
3000
2.0
4000
200/99
40A5
52/27
3DA1
33/20
34CC
3/2
3000
0
0000
–1/99
FEB6
–1/54
FDA2
–1/40
FCCD
–1/20
F99A
0
0000
1/99
014A
1/54
025E
1/40
0333
1/99
0666
Table 8-5-7. Compressor Parameter Table


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com