Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 53 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 53 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 49Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 50Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 51Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 52Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 53Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 54Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 55Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 56Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 57Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
– 53 –
CXD2724AQ-3
8000H
c000H
e000H
eff6H
ffffH
0000H
D15 to D0
+6.02
0.00
–6.02
–12.00
–84.29
Level [dB]
Table 8-5-4. Kia (dcH) Setting Value Examples
8000H
a563H
c000H
d2b2H
e000H
f000H
ffffH
0000H
D15 to D0
0.00
–3.00
–6.02
–9.02
–12.04
–18.06
–90.31
Level [dB]
Table 8-5-5. Setting Value Examples
for Each Volume
(Other than Kia, Negative Values)
7fffH
5a9dH
4000H
2d4eH
2000H
1000H
0001H
0000H
D15 to D0
0.00
–3.00
–6.02
–9.02
–12.04
–18.06
–90.31
Level [dB]
Table 8-5-6. Setting Value Examples for Each Volume
(Other than Kia, Positive Values)
(3) Volume Settings
[Relevant data] Coefficients: KLsri (0cH), KRsri (0dH), Kfb (0eH), KLtp0 (15H), KLtp1 (16H),
KLtp2 (17H), KLtp3 (18H), KLtp4 (19H), KRtp0 (1aH), KRtp1 (1bH),
KRtp2 (1cH), KRtp3 (1dH), KRtp4 (1eH), KStp0 (1fH), KStp1 (20H),
KStp2 (21H), KStp3 (22H), b0 (23H), b1 (24H), KLdry (25H), KRdry (26H),
KLeff (27H), KReff (28H), KLlpi (29H), KRlpi (2aH), KLlpo (30H),
KRlpo (31H), KLod (32H), KRod (33H), KSod (34H), KLd (35H), KRd (36H),
KCod (37H), Kd (5dH), KiA (d6H), Kia (dcH), Kis (ddH)
The I/O levels and volumes are 2's complement format with a decimal point between D15 and D14, and
hexadecimal notation with D15 as MSB and D0 as LSB.
The coefficient and level relationships are as follows.
(3)-1. Kia (dcH): 0dB = c000H
The I/O levels for 8000H to ffffH are obtained by the following
formulas.
(Coefficient value) = [(–1)
× D15 + ∑ (Dn × 2n – 15)] × (–2)
I/O level = 20 log [coefficient value] dB
(3)-2. Other Coefficients
Except for Kia, the coefficients listed in the [Relevant data] above
are basically specified by negative values (D15 to D0) with "0dB =
8000H". When intentionally inverting the phase, however, specify
positive values with "0dB = 7fffH".
∗ The DSP calculation for coefficient values other than Kfb is
(–1)
× (D15 to D0).
The I/O levels for 8000H to ffffH are obtained by the following
formulas.
(Coefficient value) = [(–1)
× D15 + ∑ (Dn × 2n – 15)] × (–1)
I/O level = 20 log [coefficient value] dB
The I/O levels for 7fffH to 0001H are obtained by the following
formulas.
(Coefficient value) = [D15 +
∑ (Dn × 2n – 15)]
I/O level = 20 log [coefficient value] dB
14
n = 0
14
n = 0
14
n = 0


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com