Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 44 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 44 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 40Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 41Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 42Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 43Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 44Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 45Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 46Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 47Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 48Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
– 44 –
CXD2724AQ-3
(3) Volume Coefficient Settings
[Relevant data] Coefficients: attV (f1H), KL (f2H), KR (f3H), KCP (f7H), KS (f8H)
Adjust the levels of the two Virtual mode channels by the amount of the four Pro Logic decoder output
channels using KL (f2H), KR (f3H), KCP (f7H) and KS (f8H). (See Table 8-1-7.)
The mixing level of the surround channel can be adjusted
with coefficient attV (f1H).
attV can be set in the range of 7fffH to 0000H as shown in
Table 8-2-3.
The I/O levels for 7fffH to 0001H are obtained by the
following formulas.
(Coefficient value) = [D15 +
∑ (Dn × 2n – 15)] × 2
I/O level = 20 log [coefficient value] dB
Also, the most effective listening area is shown in Fig. 8-2-3.
7fffH
5a67H
3fffH
2d4eH
2000H
1000H
0001H
0000H
Coefficient value
+6.02
+3.00
0.00
–3.00
–6.02
–12.04
–84.29
Level [dB]
14
n = 0
∗ Sony recommended value: 5333H (+2.28dB)
Table 8-2-3. attV (f1H) Setting Value Examples
–KCP (f7H)
–KS (f8H)
Lt
L
R
C
S
Rt
Pro
Logic
Decoder
Virtual
Surround
Process
Mixing
–KL (f2H)
–KR (f3H)
attV (f1H)
attV (f1H)
L
R
C
VL
VR
L
R
Lt
Rt
Lout
Rout
S
S
L
C
R
Lch
Rch
1.2 to 2.0m
Phantom
center
44°
Virtual
surround
Virtual
surround
Listening center
Fig. 8-2-2. Volume Setting Coefficients
Fig. 8-2-3. Listening Area


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com