Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 41 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 41 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 37Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 38Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 39Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 40Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 41Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 42Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 43Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 44Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 45Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
– 41 –
CXD2724AQ-3
8-2. Virtual Dolby Surround Mode (Virtual Mode)
Virtual mode is comprised of the Dolby Pro Logic Surround decoder and the Virtualizer as shown in Fig. 8-2-1.
Virtual Dolby Surround is realized by the Virtualizer block.
(1) Setting Virtual Mode
Virtual mode must be set by the following procedures in order to achieve stable adaptive matrix operation.
Setting Virtual mode by procedures other than those given below may aggravate the decoder characteristics.
• Immediately after power-on reset
i)
Transfer the following setup data.
SQA = 0030H (Field A)
SQD = 7ee7H (Field D)
∗ Field C is "All 0", so the DAC forced mute is applied.
ii) Transfer the Virtual mode coefficient data.
iii) Transfer the setup data set in Virtual mode.
• Changing to Virtual mode from a different mode
i)
Apply the soft mute in the current mode.
ii) Set the coefficients at the following addresses to "0000H".
Addresses: 6eH to 7fH
iii) Transfer the following setup data.
SQA = 0030H (Field A)
SQD = 7ee7H (Field D)
∗ The DAC forced mute is not applied by Field C.
iv) Transfer the Virtual mode coefficients for the soft mute status.
v) Transfer the setup data set in Virtual mode.
vi) Cancel the Virtual mode soft mute.
(2) Setting Data
(2)-1. Setup Data
Table 8-2-1 lists the registers most closely related to Virtual mode.
Setup data not listed in Table 8-2-1 may be set as desired, with due consideration given to the contents of
Fields A to D noted in "6. Setup Register".
1: Noise sequencer mode
1: Virtual mode
01: Dolby 3 Stereo mode
01: SFC mode
Coefficient RAM area setting (111: Other than Virtual mode, 100: Virtual mode)
SQA14
SQA13
SQA09, 08
SQA05, 04
SQD02 to 00
"0"
"1"
"00"
"00"
"100"
Register name Setting value
Remarks
Table 8-2-1. Virtual Mode Setup Register Settings


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com