Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 38 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 38 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 34Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 35Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 36Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 37Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 38Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 39Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 40Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 41Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 42Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
– 38 –
CXD2724AQ-3
(7)-1. Volume Settings for Each Section
[Relevant data] Coefficients: KLV (00H), KRV (01H), KCV (02H), KSV (03H), KLm1 (04H), KRm1 (05H),
KLm2 (09H), KRm2 (0aH), KLd (0eH), KRd (0fH), KCd (10H), KSd (11H),
Kfb (12H), KDV1 (21H), KDV2 (22H), KDV3 (23H), KLRm1 (24H),
KLRm2 (25H), KLRm3 (26H), KTP1 (28H), KTP2 (29H), KTP3 (2aH),
KTP4 (2bH), KTP5 (2cH), KTP6 (2dH)
The format is the same as that described in "(3) Volume Coefficient Settings". The levels are as follows when
0dB = 8000H.
The I/O levels for 8000H to ffffH are obtained by the following formulas.
(Coefficient value) = [(–1)
× D15 + ∑ (Dn × 2n – 15)] × (–1)
I/O level = 20 log [coefficient value] dB
The above coefficients are normally applied as negative values, but positive values should be applied when
intentionally inverting the phase with TP1 to TP6, etc. In this case, the levels are as follows when 0dB = 7fffH.
The I/O levels for 7fffH to 0001H are obtained by the following formulas.
(Coefficient value) = [D15 +
∑ (Dn × 2n – 15)]
I/O level = 20 log [coefficient value] dB
8000H
a563H
c000H
d2b2H
e000H
f000H
ffffH
0000H
D15 to D0
0.00
–3.00
–6.02
–9.02
–12.04
–18.06
–90.31
Level [dB]
14
n = 0
14
n = 0
Table 8-1-13. Setting Value Examples for Each Volume
(Negative Values)
7fffH
5a9dH
4000H
2d4eH
2000H
1000H
0001H
0000H
D15 to D0
0.00
–3.00
–6.02
–9.02
–12.04
–18.06
–90.31
Level [dB]
Table 8-1-14. Setting Value Examples for Each Volume
(Positive Values)


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com