Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 36 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 36 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 32Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 33Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 34Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 35Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 36Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 37Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 38Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 39Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 40Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
– 36 –
CXD2724AQ-3
(6)-3. Modified Dolby B-type NR
[Relevant data] Coefficients: aslw (b5H), 2D (b7H), KiA (d6H), Kia (dcH), Kis (ddH), Kdlb (faH)
The aslw and 2D coefficients and the ON/OFF coefficient Kdlb must be set for Modified Dolby B-type NR.
This function is turned on and off by setting Kdlb as shown in Table 8-1-11. The aslw and 2D coefficient values
differ according to the Dolby level, prefilter and coefficient Kia/Kis (KiA) conditions. Table 8-1-12 shows typical
setting value examples based on these three conditions. The prefilter gain (= –3.52dB) is the value when using
the Application Circuit given in these specifications.
Consult your Sony representative with regard to use under conditions other than those noted in Table 8-1-12.
Coefficient
Kdlb (faH)
OFF = 0000H
ON = 2000H
Prefilter
Dolby level
Kia (dcH)
Kis (ddH)
aslw (b5H)
2D (b7H)
Table 8-1-11. Modified Dolby B-type NR ON/OFF Setting
Table 8-1-12. Modified Dolby B-type NR Coefficient Value Examples for Different Input Level Conditions
(during digital input: KiA (d6H) = 8000H)
(6)-4. Volume
[Relevant data] Coefficient: KS (f8H)
The KS (f8H) volume values are as shown in Table 8-1-8. See "5. Center Mode Control" for the calculation
method.
–3.52dB
–3.52dB
–3.52dB
(Digital input)
300mVrms
300mVrms
200mVrms
–20dBFS
d2b2H
c000H
d2b2H
0000H
0000H
0000H
0000H
a563H
00caH
009eH
00caH
00caH
0033H
004aH
0023H
0023H


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com