Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 35 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 35 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 31Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 32Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 33Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 34Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 35Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 36Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 37Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 38Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 39Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
– 35 –
CXD2724AQ-3
(6) Passive Decoder (Surround Channel)
The surround channel is processed according to the flow shown in Fig. 8-1-3.
The setting method for each section is described below.
SP
–KS (f8H)
SO
7kHz
LPF
M-BNR
Delay
Fig. 8-1-3. Passive Decoder Signal Flow (S-ch)
0020H
0040H
·
·
52b0H
·
6e40H
·
89d0H
·
a560H
·
·
bf80H
bfa0H
Setting value Dly (fbH)
ON
OFF
df66
0000
b2
5723
0000
b1
125e
0000
a
eda2
8000
–a
0.022ms
0.045ms
·
·
15.000ms
·
20.000ms
·
25.000ms
·
30.000ms
·
·
34.739ms
34.762ms
Delay (fs = 44.1kHz)
Table 8-1-9. Surround Channel (S-ch) Delay Time Setting
Value Examples
(6)-1. Delay Time Setting
[Relevant data] Coefficient: Dly (fbH)
The surround channel delay time can be varied
by setting the coefficient Dly value. (Dly is the
delay line read address.)
Only the upper 11 of the 16 coefficient bits are
used. The lower 5 bits are not used, and are
ignored even if set.
That is to say, Dly can be set in 0020H
increments, and the delay time can be set in
approximately 0.022 ms increments.
The following condition also applies.
• 0020H
≤ Dly ≤ bfa0H
The coefficient value is calculated as follows.
(Dly) Decimal = (Delay [s]
× fs [Hz] × 32
Example) For 20ms (fs = 44100 [Hz])
0.02
× 44100 × 32 = 28224
6e40H
(6)-2. 7kHz Low-Pass Filter
[Relevant data] Coefficients: b2 (afH), b1 (b0H), a (b1H), –a (b2H)
The 7kHz LPF of the passive decoder can be turned on and off by setting the coefficients in Table 8-1-10.
Table 8-1-10. Passive Decoder 7kHz LPF ON/OFF Setting
Hexadecimal conversion


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com