Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 27 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 27 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 23Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 24Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 25Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 26Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 27Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 28Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 29Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 30Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 31Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
– 27 –
CXD2724AQ-3
8. Applications
The CXD2724Q is equipped with various applications such as Dolby Pro Logic Surround mode (Pro Logic
mode), Virtual Dolby Surround mode (Virtual mode), Dolby 3 Stereo mode, noise sequencer mode, SFC mode,
and DSP bypass mode.
The methods of setting each mode and of changing the mode are described below.
Note) The filter and other parameter values for each application assume a sampling frequency (fs) of 44.1 [kHz].
Consult your Sony representative with regard to use at other fs.
8-1. Dolby Pro Logic Surround Mode (Pro Logic Mode)
Pro Logic mode is realized using the adaptive matrix, passive decoder including BNR, auto input balance,
center channel mode control, simple SFC and other functions.
(1) Setting Pro Logic Mode
Pro Logic mode must be set by the following procedures in order to achieve stable adaptive matrix operation.
Setting Pro Logic mode by procedures other than those given below may aggravate the decoder
characteristics.
• Immediately after power-on reset
i)
Transfer the following setup data.
SQA = 0030H (Field A)
SQD = 7ee7H (Field D)
∗ Field C is "All 0", so the DAC forced mute is applied.
ii) Transfer the Pro Logic mode coefficient data.
iii) Transfer the setup data set in Pro Logic mode.
• Changing to Pro Logic mode from Virtual mode
Note) The coefficients for the Pro Logic mode soft mute∗1 status must be set in coefficient RAM addresses
00H to 7fH before shifting to Virtual mode.
i)
Apply the soft mute in Virtual mode.
ii) Transfer the setup data set in Pro Logic mode.
iii) Cancel the Pro Logic mode soft mute.
• Changing to Pro Logic mode from a different mode (other than Virtual mode)
i)
Apply the soft mute in the current mode.
ii) Set the coefficients at the following addresses to "0000H".
Addresses: 6eH to 7fH
iii) Transfer the following setup data.
SQA = 0030H (Field A)
SQD = 7ee7H (Field D)
∗ The DAC forced mute is not applied by Field C.
iv) Transfer the Pro Logic mode coefficients for the soft mute status.
v) Transfer the setup data set in Pro Logic mode.
vi) Cancel the Pro Logic mode soft mute.
1 Soft mute: See "Appendix 1. Soft Mute".


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com