Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 26 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 26 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 22Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 23Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 24Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 25Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 26Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 27Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 28Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 29Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 30Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
– 26 –
CXD2724AQ-3
7. Coefficient RAM/ROM
When the coefficient RAM is selected in microcomputer interface transfer mode, the various application
functions can be turned on and off, and the coefficient parameters such as each section's volume and delay
time can be set.
Coefficient RAM addresses other than those given in these specifications are "don't care". However, the RAM
is not cleared entirely when this LSI is reset, so there are no initial values as for the setup register. Be sure to
set all of the necessary data; otherwise misoperation may result.
(1) Configuration
The coefficient RAM and ROM have a capacity of 256 words
× 16 bits each. However, the address space for
the coefficient data is from 00H to ffH (256 words), so it is not possible to access all of the coefficient RAM and
ROM data at the same time. That is to say, of the total 512 words in both the coefficient RAM and ROM, only
the specified 256 words can be handled.
The coefficient RAM and ROM areas are allocated by setting SQD02 to SQD00 of setup register Field D.
Coefficient data transferred via the microcomputer interface is stored only in the coefficient RAM area specified
by these bits.
(Even if a ROM area address is specified and transfer is performed, the transfer is ignored.)
+
=
ROM
RAM
ROM
RAM
c0H
ffH
00H
bfH
00H
bfH
c0H
ffH
Coefficient address space
Fig. 7-1. Coefficient Data ROM/RAM Allocation when SQD02 to SQD00 are Set to "010" (Setting Example)
The contents of the data transferred to the coefficient RAM area differ for each mode. (See "8. Applications" for
the detailed contents.) The RAM area may also differ, so SQD02 to SQD00 must be sent when switching the
mode.
SQD02 to SQD00
111
100
111
Remarks
00 to ff = Coefficient RAM area
80 to ff = Coefficient RAM area
00 to ff = Coefficient RAM area
Mode
Pro Logic + simple SFC mode
Virtual Dolby Surround mode
SFC mode
Setting item
Table 7-1. Coefficient RAM Area


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com