Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 24 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 24 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 20Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 21Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 22Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 23Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 24Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 25Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 26Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 27Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 28Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
– 24 –
CXD2724AQ-3
SQC15
SQC14
SQC13
SQC12,
SQC11
SQC10
SQC09,
SQC08
SQC07,
SQC06
SQC05,
SQC04
SQC03 to
SQC00
LRCK format
0: normal
1: IIS
LRCK polarity selection 0: Lch "H"
1: Lch "L"
BCK polarity selection
0: Falling edge
relative to LRCK edge
1: Rising edge
Serial audio
SQC12 SQC11
interface setting
0
0
: MSB first/Frontward truncation/24 bits
0
1
: MSB first/Rearward truncation/16 bits
1
0
: MSB first/Rearward truncation/18 bits
1
1
: MSB first/Rearward truncation/20 bits
DAC forced mute
0: ON
1: OFF
Reserve bit
Be sure to set both bits Low when changing
the setup register Field C settings.
Decimation ratio setting SQC07 SQC06
(SFC mode only)
0
0
: 1/1 (No decimation)
Be sure to also set
0
1
: 1/2 decimation
SQA11 and SQA10.
1
: 1/3 decimation
BFOT output clock
SQC05 SQC04
frequency division
0
0
: 384Fs
ratio setting
0
1
: 256Fs
1
0
: 512Fs
1
1
: 768Fs
Reserve bit
Be sure to set all of these bits Low when changing
the setup register Field C settings.
normal
Lch "H"
Falling edge
MSB
first/Frontward
truncation/24 bits
ON
all "L"
1/1
(No decimation)
384Fs
all "L"
(3) Field C
Table 6-3. Setup Register Field C
Data
section bit
Control contents
When reset
Note) BCK polarity selection (SQC13) is valid only in slave mode. Fix to "0" in master mode.


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com