Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 22 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 22 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 18Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 19Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 20Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 21Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 22Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 23Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 24Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 25Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 26Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
– 22 –
CXD2724AQ-3
6. Setup Register
When the setup register is selected in microcomputer interface transfer mode, the following settings are
possible for hardware such as the serial audio interface and DAC, and for software such as the Dolby Pro
Logic Surround decoder.
The setup register has a total of four fields, and 16 bits of setup information can be stored per field. However,
when this LSI is reset, the setup register contents are also reset to the settings shown in the "When reset"
column in Tables 6-1 to 6-4 below.
(1) Field A
SQA15
SQA14
SQA13
SQA12
SQA11,
SQA10
SQA09,
SQA08
SQA07,
SQA06
SQA05,
SQA04
SQA03 to
SQA00
DSP bypass mode
0: OFF
1: ON
Noise sequencer
0: OFF
1: ON
Virtualizer
0: OFF
1: ON
Compensation filter
0: OFF
1: ON
Decimation ratio setting SQA11 SQA10
(SFC mode only)
0
0
: 1/1 (No decimation)
Be sure to also set
0
1
: 1/2 decimation
SQC07 and SQC06.
1
0
: 1/3 decimation
Dolby 3 Stereo
SQA09 SQA08
0
0
: OFF
0
1
: ON
Reserve bit
Be sure to set both bits Low when changing the
setup register Field A settings.
SFC mode
SQA05 SQA04
0
0
: OFF
0
1
: ON
Reserve bit
Be sure to set both bits Low when changing the
setup register Field A settings.
OFF
OFF
OFF
OFF
1/1
(No decimation)
OFF
all "L"
OFF
all "L"
Table 6-1. Setup Register Field A
∗ Bit names are indicated by the field name and the bit number. The bit names for Field A are SQA00 to
SQA15, and the first three letters of the bit names for Fields B, C and D are SQB, SQC and SQD,
respectively.
Data
section bit
Control contents
When reset


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com