Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 14 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 14 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 10Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 11Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 12Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 13Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 14Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 15Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 16Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 17Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
– 14 –
CXD2724AQ-3
3. Reset Circuit
[Relevant pins] XRST, XTLI, XTLO
This LSI must be reset after the power is turned on.
Reset is done by setting the XRST pin Low for 1/fs or more after the supply voltage satisfies the recommended
operating condition, and the crystal oscillator clock of the XTLI and XTLO pins or the external clock input from
the XTLI pin is correctly applied. (See "AC Characteristics".)
4. Serial Audio Interface (SIF)
[Relevant pins] SI, BCK, LRCK, XS24, XMST
Serial data is used for the external communication of the digital audio data. The CXD2724AQ-3 has only one
input system, and 2 channels of data are input each sampling cycle. Either the 32-bit clock mode or the 24-bit
clock mode can be selected. In master mode, the mode is fixed to the 32-bit clock mode.
(1) Pin Configuration (The pins shown in the table below are assigned to the SIF.)
Serial input; taken with synchronized to BCK.
BCK I/O; either 32-bit clock mode (64fs) or 24-bit clock mode (48fs). BCK output supports
32-bit clock mode only.
LRCK I/O (1fs).
SIO slot number (24/32) selection input. Low: 24-bit slot; High: 32-bit slot.
Valid only in slave mode. Set High in master mode.
Do not switch between High and Low during DSP operation.
BCK, LRCK master mode/slave mode switching input.
Low: master mode; High: slave mode.
Symbol
SI
BCK
LRCK
XS24
XMST
I/O
Function
I
I/O
I/O
I
I
"0": normal,
"1": IIS
"0": Lch "H", "1": Lch "L"
"0": edge
↓, "1" : edge ↑
Setup register
SQC15
SQC14
SQC13
Function
Contents
LRCK format
LRCK polarity selection
BCK polarity selection relative to LRCK edge
Valid only in slave mode. Fix to "0" in master
mode.
Table 4-1. Pin Configuration
Table 4-2. LRCK/BCK Mode Setting
(2) Operation Modes
The LRCK/BCK mode can be selected by the setup register settings as follows. (See "6. Setup Register".)
LRCK/BCK Mode Setting


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com