Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 13 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 9Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 10Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 11Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 12Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 13Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 14Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 15Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 16Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
– 13 –
CXD2724AQ-3
Description of Functions
1. Master/Slave Modes
[Relevant pins] XMST, LRCK, BCK
When using the CXD2724AQ -1 alone without digital input, set the CXD2724AQ-3 to master mode.
When using digital input, the CXD2724AQ-3 may be set to either master mode or slave mode.
The clock applied to LRCK and BCK in slave mode must be synchronized to either the crystal oscillator clock
of the XTLI and XTLO pins or the external clock input from the XTLI pin.
Table 1-1. LRCK, BCK Mode Setting
XMST
H
L
Mode
Slave mode
Master mode
LRCK, BCK I/O
Input
Output
SQC05
0
0
1
1
SQC04
0
1
0
1
BFOT
384fs
256fs
512fs
768fs
2. Master Clock System
[Relevant pins] XTLI, XTLO, BFOT
768fs (fs = 32 to 44.1kHz) is assumed for the master clock system, and the connection is as shown below.
BFOT outputs the clock obtained by frequency dividing the master clock. The frequency division ratio can be
changed by the setup register (SQC04, SQC05). (See "6. Setup Register".)
(1) Master
(2) Slave
O
I
O
Frequency
divider
Setup
Register
512fs
XTLI
XTLO
768fs
BFOT
256fs/384fs/512fs/768fs
O
512fs
XTLI
XTLO
768fs
I
OPEN
Frequency
divider
Fig. 2-1.
Note) Oscillation circuits may differ according to peripheral circuit and
substrate. Consult with crystal oscillator manufacturers about the
selecting oscillation circuits.


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com