Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2724AQ-3 Datasheet(PDF) 12 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 12 Page - Sony Corporation

Back Button CXD2724AQ-3 Datasheet HTML 8Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 9Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 10Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 11Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 12Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 13Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 14Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 15Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
– 12 –
CXD2724AQ-3
3. Bypass Mode Characteristics (L, R channels only)
These are the characteristics without passing through the DSP, and including the prefilter with built-in
operational amplifier and the built-in post filter. Use the analog I/O circuits in the Application Circuit for the
measurement circuit. Unless otherwise specified, the measurement conditions are as given below.
• fIN = 1kHz
• VIN (L, R) = 2.0Vrms (= 0dB)
Min.
Typ.
97
100
80
0.008
0.005
95
2.5
2.0
±0.2
105
7.5
Max.
Unit
dB
%
dB
Vrms
Vrms
dB
dB
dB
Item
S/N ratio
THD + N
Dynamic range∗51
Maximum input level
Output level
Level difference between channels
Channel separation
Power supply rejection ratio∗52
Measurement conditions
CCIR/ARM filter
10Hz to 20kHz, "A" weighting filter
10Hz to 500kHz
10Hz to 500kHz
10Hz to 20kHz
10Hz to 20kHz, VIN = –60dB
THD + N = 0.05%
1mVrms, 100Hz sine wave
Min.
10
10
Typ.
104
Max.
20
Unit
k
dB
k
kHz
Item
Prefilter
Post filter
Measurement conditions
Feedback resistance value
Maximum amplification rate
(100kHz or less)
Load resistance value
Cut-off frequency (= fc)
Min.
Typ.
1.5
–29.5
1.0
Max.
Unit
dB
dB
dB
Item
Maximum gain
Minimum gain
Variable step
Symbol
TRIMmax
TRIMmin
TRIMstep
51 THD + N during –60dB input
52 Includes the amplification (5.27dB) of the external amplifier.
4. Filter Characteristics
5. Trim Volume Characteristics


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com