Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 20 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 20 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 16Page - Sony Corporation CXD2720Q-2 Datasheet HTML 17Page - Sony Corporation CXD2720Q-2 Datasheet HTML 18Page - Sony Corporation CXD2720Q-2 Datasheet HTML 19Page - Sony Corporation CXD2720Q-2 Datasheet HTML 20Page - Sony Corporation CXD2720Q-2 Datasheet HTML 21Page - Sony Corporation CXD2720Q-2 Datasheet HTML 22Page - Sony Corporation CXD2720Q-2 Datasheet HTML 23Page - Sony Corporation CXD2720Q-2 Datasheet HTML 24Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
– 20 –
CXD2720Q-2
(3) Data Structure
Data structure is classified in three types, as shown in the table below. All data communication is done with
LSB first.
Name
A0 to A7
M0 to M7
D0 to D15/SQ00 to SQ23
8
8
16/24
Address section
Transmission
mode section
Data section
Coefficient RAM is 16 bits; setup register is
24 bits
Bit length
Contents
Remarks
(3)-1. Transmission Mode Section
The transmission mode section is 8 bits and has the following functions.
Bit
M7
M6
M5
M4
M3
M2
M1
M0
0: ON (No sound)
1: OFF
VS1
VS0
0
0
Setup register
1
0
Coefficient RAM (K-RAM)
0: Receive
1: Send
XVMT
VS1
VS0
VRD
SO Mute
Reserve
Data type
Reserve
Send/Receive
Name
Function
(3)-2. Address Section
The coefficient RAM has a 192-word structure, so the address section is 8 bits. The setup register has a 1-
word structure, so the address section data may be optional.
(3)-3. Data Section
Sixteen SCK are required, as the coefficient RAM has a 16-bit structure (D0 to D15). The setup register has a
24-bit structure (SQ00 to SQ23), so twenty-four SCK are required.
Table 6-2. Data Structure
Table 6-3. Transmission Mode Section
Note) Polarity as seen from the CXD2720Q-2


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com