Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 1 Page - Sony Corporation

  CXD2720Q-2 Datasheet HTML 1Page - Sony Corporation CXD2720Q-2 Datasheet HTML 2Page - Sony Corporation CXD2720Q-2 Datasheet HTML 3Page - Sony Corporation CXD2720Q-2 Datasheet HTML 4Page - Sony Corporation CXD2720Q-2 Datasheet HTML 5Page - Sony Corporation CXD2720Q-2 Datasheet HTML 6Page - Sony Corporation CXD2720Q-2 Datasheet HTML 7Page - Sony Corporation CXD2720Q-2 Datasheet HTML 8Page - Sony Corporation CXD2720Q-2 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
– 1 –
CXD2720Q-2
E97315-PS
Single-Chip Digital Signal Processor for Karaoke
Description
The CXD2720Q-2 is a digital signal processor LSI
for Karaoke, suitable for use in LD/CD/CD-G/video
CD and the like.
A large capacity DRAM and AD/DA converters are
built in, and Karaoke functions such as key control
and microphone echo are contained on a single
chip.
Features
• 3-channel 1-bit AD converter and decimation filter
S/N ratio: 88 dB
THD + N: 0.016%
Filter pass band ripple:
less than ±0.008dB
Filter stop band attenuation: less than –62dB
(all characteristics are typical values)
• 2-channel 1-bit DA converter and oversampling
filter
S/N ratio: 98dB
THD + N: 0.006%
Filter pass band ripple:
less than ±0.2dB
Filter stop band attenuation: less than –41dB
(all characteristics are typical values)
• In addition to analog input/output, 2-channel input/
2-channel output of digital input/output are provided.
The interface also supports a variety of formats.
• 128K-bit DRAM for key control and microphone
echo processing
Functions
• Key controller pitch setting can be varied to a
maximum of ±1 octave with a precision of 14 bits
• Two key controllers are provided.
For their pitches, either of common or independent
setting is possible
• Key controller can be used for voice
• Microphone echo delay time can be varied to a
maximum of 185ms (when fs = 44.1kHz)
• Voice parametric equalizer
• Mixing function to support sound multiplexing
software
• Digital de-emphasis function
• Soft mute function
Structure
Silicon gate CMOS
Applications
Equipment having Karaoke function, such as
LD/CD, compact music center, video games, etc.
Absolute Maximum Ratings
(Ta = 25°C, VSS = 0V)
• Supply voltage
VDD
VSS – 0.5 to +7.0
V
• Input voltage
VI VSS – 0.5 to VDD + 0.5 V
• Output voltage
VO VSS – 0.5 to VDD + 0.5 V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature Tstg
–55 to +150
°C
Recommended Operating Conditions
• Supply voltage
VDD 4.5 to 5.5 (5.0 typ.)
V
• Operating temperature
Ta
–20 to +75
°C
Input/Output Capacitance
• Input capacitance
CIN
9 (max.)
pF
• Output capacitance
COUT 11 (max.)
pF
• Input/output capacitance CI/O
11 (max.)
pF
∗ Measurement conditions: V
DD
= VI = 0V, F = 1MHz
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
100 pin QFP (Plastic)


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com