Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 43 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 43 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 39Page - Sony Corporation CXD2720Q-2 Datasheet HTML 40Page - Sony Corporation CXD2720Q-2 Datasheet HTML 41Page - Sony Corporation CXD2720Q-2 Datasheet HTML 42Page - Sony Corporation CXD2720Q-2 Datasheet HTML 43Page - Sony Corporation CXD2720Q-2 Datasheet HTML 44Page - Sony Corporation CXD2720Q-2 Datasheet HTML 45Page - Sony Corporation CXD2720Q-2 Datasheet HTML 46Page - Sony Corporation CXD2720Q-2 Datasheet HTML 47Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
– 43 –
CXD2720Q-2
Cut-off
frequency (Hz)
3000
3100
3200
3300
3400
3500
3600
3700
3800
3900
4000
4100
4200
4300
4400
4500
4600
4700
4800
4900
5000
5100
5200
5300
5400
5500
5600
5700
5800
5900
6000
6100
6200
6300
6400
6500
6600
6700
6800
6900
7000
153C
15D6
1670
1707
179E
1833
18C7
195A
19EC
1A7D
1B0C
1B9B
1C28
1CB4
1D40
1DCA
1E53
1EDC
1F63
1FEA
2070
20F5
2179
21FC
227E
2300
2381
2401
2480
24FF
257D
25FA
2677
26F3
276E
27E9
2863
28DD
2956
29CE
2A46
IIR∗a1
EAC4
EA2A
E990
E8F9
E862
E7CD
E739
E6A6
E614
E583
E4F4
E465
E3D8
E34C
E2C0
E236
E1AD
E124
E09D
E016
DF90
DF0B
DE87
DE04
DD82
DD00
DC7F
DBFF
DB80
DB01
DA83
DA06
D989
D90D
D892
D817
D79D
D723
D6AA
D632
D5BA
IIR∗a0
5586
5452
531F
51F0
50C3
4F98
4E70
4D4A
4C26
4B05
49E6
48C9
47AE
4696
457F
446A
4358
4247
4138
402A
3F1F
3E15
3D0D
3C07
3B02
39FE
38FD
37FD
36FE
3600
3504
340A
3311
3219
3122
302D
2F38
2E45
2D53
2C62
2B73
IIR∗b
953D
95D7
9671
9708
979F
9834
98C8
995B
99ED
9A7E
9B0D
9B9C
9C29
9CB5
9D41
9DCB
9E54
9EDD
9F64
9FEB
A071
A0F6
A17A
A1FD
A27F
A301
A382
A402
A481
A500
A57E
A5FB
A678
A6F4
A76F
A7EA
A864
A8DE
A957
A9CF
AA47
IIR∗a1
953D
95D7
9671
9708
979F
9834
98C8
995B
99ED
9A7E
9B0D
9B9C
9C29
9CB5
9D41
9DCB
9E54
9EDD
9F64
9FEB
A071
A0F6
A17A
A1FD
A27F
A301
A382
A402
A481
A500
A57E
A5FB
A678
A6F4
A76F
A7EA
A864
A8DE
A957
A9CF
AA47
IIR∗a0
5586
5452
531F
51F0
50C3
4F98
4E70
4D4A
4C26
4B05
49E6
48C9
47AE
4696
457F
446A
4358
4247
4138
402A
3F1F
3E15
3D0D
3C07
3B02
39FE
38FD
37FD
36FE
3600
3504
340A
3311
3219
3122
302D
2F38
2E45
2D53
2C62
2B73
IIR∗b
Cut-off
frequency (Hz)
7100
7200
7300
7400
7500
7600
7700
7800
7900
8000
8100
8200
8300
8400
8500
8600
8700
8800
8900
9000
9100
9200
9300
9400
9500
9600
9700
9800
9900
10000
10100
10200
10300
10400
10500
10600
10700
10800
10900
11000
OFF
2ABD
2B34
2BAA
2C20
2C95
2D0A
2D7F
2DF3
2E66
2ED9
2F4C
2FBE
3030
30A2
3113
3184
31F5
3265
32D5
3345
33B4
3423
3492
3500
356E
35DD
364A
36B8
3725
3793
3800
386C
38D9
3945
39B2
3A1E
3A8A
3AF6
3B62
3BCE
0000
IIR∗a1
D543
D4CC
D456
D3E0
D36B
D2F6
D281
D20D
D19A
D127
D0B4
D042
CFD0
CF5E
CEED
CE7C
CE0B
CD9B
CD2B
CCBB
CC4C
CBDD
CB6E
CB00
CA92
CA23
C9B6
C948
C8DB
C86D
C800
C794
C727
C6BB
C64E
C5E2
C576
C50A
C49E
C432
8000
IIR∗a0
2A84
2996
28AA
27BE
26D4
25EA
2501
2419
2332
224C
2166
2082
1F9E
1EBA
1DD8
1CF6
1C15
1B35
1A55
1975
1897
17B9
16DB
15FE
1522
1445
136A
128F
11B4
10D9
0FFF
0F26
0E4D
0D74
0C9B
0BC2
0AEA
0A12
093B
0863
0000
IIR∗b
AABE
AB35
ABAB
AC21
AC96
AD0B
AD80
ADF4
AE67
AEDA
AF4D
AFBF
B031
B0A3
B114
B185
B1F6
B266
B2D6
B346
B3B5
B424
B493
B501
B56F
B5DE
B64B
B6B9
B726
B794
B801
B86D
B8DA
B946
B9B3
BA1F
BA8B
BAF7
BB63
BBCF
0000
IIR∗a1
AABE
AB35
ABAB
AC21
AC96
AD0B
AD80
ADF4
AE67
AEDA
AF4D
AFBF
B031
B0A3
B114
B185
B1F6
B266
B2D6
B346
B3B5
B424
B493
B501
B56F
B5DE
B64B
B6B9
B726
B794
B801
B86D
B8DA
B946
B9B3
BA1F
BA8B
BAF7
BB63
BBCF
8000
IIR∗a0
2A84
2996
28AA
27BE
26D4
25EA
2501
2419
2332
224C
2166
2082
1F9E
1EBA
1DD8
1CF6
1C15
1B35
1A55
1975
1897
17B9
16DB
15FE
1522
1445
136A
128F
11B4
10D9
0FFF
0F26
0E4D
0D74
0C9B
0BC2
0AEA
0A12
093B
0863
0000
IIR∗b
Table 14-5 (2). Coefficients of First-Stage IIR Filter (fs = 48kHz)
Used as LPF
Used as HPF
Used as LPF
Used as HPF


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com