Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 42 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 42 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 38Page - Sony Corporation CXD2720Q-2 Datasheet HTML 39Page - Sony Corporation CXD2720Q-2 Datasheet HTML 40Page - Sony Corporation CXD2720Q-2 Datasheet HTML 41Page - Sony Corporation CXD2720Q-2 Datasheet HTML 42Page - Sony Corporation CXD2720Q-2 Datasheet HTML 43Page - Sony Corporation CXD2720Q-2 Datasheet HTML 44Page - Sony Corporation CXD2720Q-2 Datasheet HTML 45Page - Sony Corporation CXD2720Q-2 Datasheet HTML 46Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
– 42 –
CXD2720Q-2
(4) First-Stage IIR Filter
Cut-off
frequency (Hz)
3000
3100
3200
3300
3400
3500
3600
3700
3800
3900
4000
4100
4200
4300
4400
4500
4600
4700
4800
4900
5000
5100
5200
5300
5400
5500
5600
5700
5800
5900
6000
6100
6200
6300
6400
6500
6600
6700
6800
6900
7000
16D3
1777
181A
18BB
195B
19FA
1A97
1B33
1BCE
1C67
1CFF
1D96
1E2C
1EC1
1F55
1FE7
2079
2109
2199
2228
22B5
2342
23CE
2459
24E3
256C
25F4
267C
2703
2789
280E
2893
2917
299A
2A1D
2A9F
2B21
2BA1
2C22
2CA1
2D21
IIR∗a1
E92D
E889
E7E6
E745
E6A5
E606
E569
E4CD
E432
E399
E301
E26A
E1D4
E13F
E0AB
E019
DF87
DEF7
DE67
DDD8
DD4B
DCBE
DC32
DBA7
DB1D
DA94
DA0C
D984
D8FD
D877
D7F2
D76D
D6E9
D666
D5E3
D561
D4DF
D45F
D3DE
D35F
D2DF
IIR∗a0
5259
5110
4FCB
4E88
4D48
4C0B
4AD0
4998
4863
4730
4600
44D2
43A6
427C
4155
4030
3F0D
3DEC
3CCD
3BAF
3A94
397B
3863
374D
3639
3527
3416
3306
31F9
30EC
2FE2
2ED8
2DD0
2CCA
2BC4
2AC0
29BD
28BC
27BB
26BC
25BD
IIR∗b
96D4
9778
981B
98BC
995C
99FB
9A98
9B34
9BCF
9C68
9D00
9D97
9E2D
9EC2
9F56
9EF8
A07A
A10A
A19A
A229
A2B6
A343
A3CF
A45A
A4E4
A56D
A5F5
A67D
A704
A78A
A80F
A894
A918
A99B
AA1E
AAA0
AB22
ABA2
AC23
ACA2
AD22
IIR∗a1
96D4
9778
981B
98BC
995C
99FB
9A98
9B34
9BCF
9C68
9D00
9D97
9E2D
9EC2
9F56
9FE8
A07A
A10A
A19A
A229
A2B6
A343
A3CF
A45A
A4E4
A56D
A5F5
A67D
A704
A78A
A80F
A894
A918
A99B
AA1E
AAA0
AB22
ABA2
AC23
ACA2
AD22
IIR∗a0
5259
5110
4FCB
4E88
4D48
4C0B
4AD0
4998
4863
4730
4600
44D2
43A6
427C
4155
4030
3F0D
3DEC
3CCD
3BAF
3A94
397B
3863
374D
3639
3527
3416
3306
31F9
30EC
2FE2
2ED8
2DD0
2CCA
2BC4
2AC0
29BD
28BC
27BB
26BC
25BD
IIR∗b
Cut-off
frequency (Hz)
7100
7200
7300
7400
7500
7600
7700
7800
7900
8000
8100
8200
8300
8400
8500
8600
8700
8800
8900
9000
9100
9200
9300
9400
9500
9600
9700
9800
9900
10000
10100
10200
10300
10400
10500
10600
10700
10800
10900
11000
OFF
2D9F
2E1D
2E9B
2F18
2F95
3011
308C
3108
3183
31FD
3277
32F1
336A
33E3
345C
34D5
354D
35C5
363C
36B3
372B
37A1
3818
388E
3905
397B
39F0
3A66
3ADC
3B51
3BC6
3C3B
3CB1
3D26
3D9A
3E0F
3E84
3EF9
3F6E
3FE2
0000
IIR∗a1
D261
D1E3
D165
D0E8
D06B
CFEF
CF74
CEF8
CE7D
CE03
CD89
CD0F
CC96
CC1D
CBA4
CB2B
CAB3
CA3B
C9C4
C94D
C8D5
C85F
C7E8
C772
C6FB
C685
C610
C59A
C524
C4AF
C43A
C3C5
C34F
C2DA
C266
C1F1
C17C
C107
C092
C01E
8000
IIR∗a0
24C0
23C4
22C9
21CF
20D5
1FDD
1EE6
1DEF
1CF9
1C04
1B10
1A1C
192A
1838
1746
1655
1565
1475
1386
1298
11A9
10BC
0FCF
0EE2
0DF5
0D09
0C1E
0B32
0A47
095C
0872
0788
069D
05B3
04CA
03E0
02F6
020D
0123
003A
0000
IIR∗b
ADA0
AE1E
AE9C
AF19
AF96
B012
B08D
B109
B184
B1FE
B278
B2F2
B36B
B3E4
B45D
B4D6
B54E
B5C6
B63D
B6B4
B72C
B7A2
B819
B88F
B906
B97C
B9F1
BA67
BADD
BB52
BBC7
BC3C
BCB2
BD27
BD9B
BE10
BE85
BEFA
BF6F
BFE3
0000
IIR∗a1
ADA0
AE1E
AE9C
AF19
AF96
B012
B08D
B109
B184
B1FE
B278
B2F2
B36B
B3E4
B45D
B4D6
B54E
B5C6
B63D
B6B4
B72C
B7A2
B819
B88F
B906
B97C
B9F1
BA67
BADD
BB52
BBC7
BC3C
BCB2
BD27
BD9B
BE10
BE85
BEFA
BF6F
BFE3
8000
IIR∗a0
24C0
23C4
22C9
21CF
20D5
1FDD
1EE6
1DEF
1CF9
1C04
1B10
1A1C
192A
1838
1746
1655
1565
1475
1386
1298
11A9
10BC
0FCF
0EE2
0DF5
0D09
0C1E
0B32
0A47
095C
0872
0788
069D
05B3
04CA
03E0
02F6
020D
0123
003A
0000
IIR∗b
Table 14-5 (1). Coefficients of First-Stage IIR Filter (fs = 44.1kHz)
Used as LPF
Used as HPF
Used as LPF
Used as HPF


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com