Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 41 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 41 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 37Page - Sony Corporation CXD2720Q-2 Datasheet HTML 38Page - Sony Corporation CXD2720Q-2 Datasheet HTML 39Page - Sony Corporation CXD2720Q-2 Datasheet HTML 40Page - Sony Corporation CXD2720Q-2 Datasheet HTML 41Page - Sony Corporation CXD2720Q-2 Datasheet HTML 42Page - Sony Corporation CXD2720Q-2 Datasheet HTML 43Page - Sony Corporation CXD2720Q-2 Datasheet HTML 44Page - Sony Corporation CXD2720Q-2 Datasheet HTML 45Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
– 41 –
CXD2720Q-2
Center
frequency (Hz)
250.0
280.6
315.0
353.6
396.9
445.4
500.0
561.2
630.0
707.1
793.7
890.9
1000.0
1122.5
1259.9
1414.2
1587.4
1781.8
2000.0
2244.9
2519.8
2828.4
3174.8
3563.6
4000.0
4489.8
5039.7
5656.9
6349.6
7127.2
8000.0
020F
024F
0295
02E5
033D
03A0
040E
0489
0512
05AA
0653
070F
07DF
08C6
09C5
0ADF
0C16
0D6C
0EE4
1080
1243
1430
1649
1892
1B0C
1DBC
20A5
23CA
2730
2ADE
2ED9
7DDF
7D9B
7D4E
7CF8
7C97
7C29
7BAD
7B21
7A82
79CF
7904
781E
7719
75F0
749F
7320
716B
6F79
6D41
6AB8
67D2
6181
60B6
5C61
576C
51C6
4B58
4410
3BDC
32B1
2893
8420
849F
852C
85CB
867C
8742
881E
8914
8A25
8B55
8CA8
8E1F
8FC0
918D
938B
95BF
982D
9AD9
9DC9
A101
A488
A861
AC94
B125
B61A
BB7A
C14B
C795
CE62
D5BD
DDB4
PEQa
PEQb1
PEQb2
Table 14-3 (2). Coefficients of PEQ for Voice
(fs = 48kHz)
250.0
280.6
315.0
353.6
396.9
445.4
500.0
561.2
630.0
707.1
793.7
890.9
1000.0
1122.5
1259.9
1414.2
1587.4
1781.8
2000.0
2244.9
2519.8
2828.4
3174.8
3563.6
4000.0
4489.8
5039.7
5656.9
6349.6
7127.2
8000.0
0311
036E
03D7
074B
04CD
055D
05FE
06B0
0776
0852
0945
0A51
0B79
0CC0
0E27
0FB1
1161
1339
153C
176D
19CF
1C64
1F30
2237
257D
2907
2CDB
3103
3589
3A80
3FFF
7CC8
7C60
7BEC
7B68
7AD2
7A2A
796B
7892
779D
7686
754A
73E2
7248
7075
6E61
6C01
694A
662F
62A2
5E93
59EF
54A3
4E99
47BF
4000
374E
2DA6
2312
17B5
0BDA
0000
8623
86DE
87AF
8898
899B
8ABC
8BFD
8D62
8EEE
90A5
928B
94A4
96F4
9981
9C4F
9F64
A2C3
A673
AA7A
AEDC
B39F
B8C9
BE62
C470
CAFC
D20F
D9B8
E207
EB14
F502
0000
Table 14-3 (3). Coefficients of PEQ for Voice
(fs = 32kHz)
Center
frequency (Hz)
PEQa
PEQb1
PEQb2


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com