Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 40 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 40 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 36Page - Sony Corporation CXD2720Q-2 Datasheet HTML 37Page - Sony Corporation CXD2720Q-2 Datasheet HTML 38Page - Sony Corporation CXD2720Q-2 Datasheet HTML 39Page - Sony Corporation CXD2720Q-2 Datasheet HTML 40Page - Sony Corporation CXD2720Q-2 Datasheet HTML 41Page - Sony Corporation CXD2720Q-2 Datasheet HTML 42Page - Sony Corporation CXD2720Q-2 Datasheet HTML 43Page - Sony Corporation CXD2720Q-2 Datasheet HTML 44Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
– 40 –
CXD2720Q-2
(3) PEQ for Voice
Center
frequency (Hz)
250.0
280.6
315.0
353.6
396.9
445.4
500.0
561.2
630.0
707.1
793.7
890.9
1000.0
1122.5
1259.9
1414.2
1587.4
1781.8
2000.0
2244.9
2519.8
2828.4
3174.8
3563.6
4000.0
4489.8
5039.7
5656.9
6349.6
7127.2
8000.0
023D
0282
02CF
0325
0385
03F0
0467
04EC
0580
0624
06DB
07A6
0886
097E
0A91
0BC0
0D0D
0E7C
100E
11C7
13A8
15B5
17F1
1A5E
1CFF
1FD8
22ED
2642
29DB
2DC1
31FD
7DAE
7D64
7D10
7CB2
7C47
7BCF
7B48
7AAE
7A01
793D
785E
7762
7643
74FD
738B
71E5
7004
6DE0
6B6D
68A1
656E
61C6
5D97
58CF
535A
4D24
4617
3E23
353B
2B5C
2097
847B
8505
859F
864B
870B
87E1
88CF
89D9
8B01
8C4A
8DB7
8F4D
910E
92FE
9524
9781
9A1C
9CFA
A01E
A38F
A752
AB6C
AFE4
B4BE
BA00
BFB2
C5DC
CC85
D3B8
DB84
E3FC
PEQa
PEQb1
PEQb2
Table 14-3 (1). Coefficients of PEQ for Voice (fs = 44.1kHz)
Gain
(dB)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0000
01E5
03E7
0608
0849
0AAC
0D33
0FE1
12B7
15B8
18E7
1C46
1FD9
23A1
27A3
2BE2
3061
3524
3A30
3F88
4531
4B30
518A
5844
5F64
PEQg
Table 14-4.


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com