Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 39 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 39 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 35Page - Sony Corporation CXD2720Q-2 Datasheet HTML 36Page - Sony Corporation CXD2720Q-2 Datasheet HTML 37Page - Sony Corporation CXD2720Q-2 Datasheet HTML 38Page - Sony Corporation CXD2720Q-2 Datasheet HTML 39Page - Sony Corporation CXD2720Q-2 Datasheet HTML 40Page - Sony Corporation CXD2720Q-2 Datasheet HTML 41Page - Sony Corporation CXD2720Q-2 Datasheet HTML 42Page - Sony Corporation CXD2720Q-2 Datasheet HTML 43Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
– 39 –
CXD2720Q-2
Cut-off
frequency (Hz)
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
2800
2900
3000
3100
3200
3300
3400
3500
3600
3700
3800
3900
4000
4100
4200
4300
4400
4500
4600
4700
4800
4900
5000
5100
5200
5300
5400
5500
153C
1707
18C7
1A7D
1C28
1DCA
1F63
20F5
227E
2401
257D
26F3
2863
29CE
2B34
2C95
2DF3
2F4C
30A2
31F5
3345
3492
35DD
3725
386C
39B2
3AF6
3C39
3D7C
3EBE
4000
4141
4283
43C6
4509
464D
4793
48DA
4A22
4B6D
4CBA
4E0A
4F5D
50B3
520C
536A
EAC4
E8F9
E739
E583
E3D8
E236
E09D
DF0B
DD82
DBFF
DA83
D90D
D79D
D632
D4CC
D36B
D20D
D0B4
CF5E
CE0B
CCBB
CB6E
CA23
C8DB
C794
C64E
C50A
C3C7
C284
C142
C000
BEBF
BD7D
BC3A
BAF7
B9B3
B86D
B726
B5DE
B493
B346
B1F6
B0A3
AF4D
ADF4
AC96
5586
51F0
4E70
4B05
47AE
446A
4138
3E15
3B02
37FD
3504
3219
2F38
2C62
2996
26D4
2419
2166
1EBA
1C15
1975
16DB
1445
11B4
0F26
0C9B
0A12
078C
0507
0283
0000
FD7D
FAF9
F874
F5EE
F365
F0DA
EE4C
EBBB
E925
E68B
E3EB
E146
DE9A
DBE7
D92C
5600
5700
5800
5900
6000
6100
6200
6300
6400
6500
6600
6700
6800
6900
7000
7100
7200
7300
7400
7500
7600
7700
7800
7900
8000
8100
8200
8300
8400
8500
8600
8700
8800
8900
9000
9100
9200
9300
9400
9500
9600
9700
9800
9900
10000
OFF
54CB
5631
579C
590C
5A82
5BFE
5D81
5F0A
609C
6235
63D7
6582
6738
68F8
6AC3
6C9B
6E7F
7072
7274
7486
76A9
78DF
7B29
7D88
7FFF
8290
853C
8805
8AEF
8DFB
912F
948B
9816
9BD3
9FC8
A3FA
A870
AD31
B247
B7BC
BD9B
C3F3
CAD3
D250
DA82
0000
AB35
A9CF
A864
A6F4
A57E
A402
A27F
A0F6
9F64
9DCB
9C29
9A7E
98C8
9708
953D
9365
9181
8F8E
8D8C
8B7A
8957
8721
84D7
8278
8001
7D70
7AC4
77FB
7511
7205
6ED1
6B75
67EA
642D
6038
5C06
5790
52CF
4DB9
4844
4265
3C0D
352D
2DB0
257E
8000
D66A
D39E
D0C8
CDE7
CAFC
C803
C4FE
C1EB
BEC8
BB96
B852
B4FB
B190
AE10
AA7A
A6CA
A301
9F1C
9B18
96F4
92AE
8E42
89AE
84EF
8001
7AE0
7588
6FF5
6A22
6409
5DA2
56E9
4FD3
4859
4070
380C
2F20
259D
1B71
1088
04CA
F81A
EA59
DB5F
CAFC
0000
HCa1
HCa0
HCb
Cut-off
frequency (Hz)
HCa1
HCa0
HCb
Table 14-2 (3). Coefficients of Microphone Echo High Cut (fs = 32kHz)


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com