Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 38 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 38 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 34Page - Sony Corporation CXD2720Q-2 Datasheet HTML 35Page - Sony Corporation CXD2720Q-2 Datasheet HTML 36Page - Sony Corporation CXD2720Q-2 Datasheet HTML 37Page - Sony Corporation CXD2720Q-2 Datasheet HTML 38Page - Sony Corporation CXD2720Q-2 Datasheet HTML 39Page - Sony Corporation CXD2720Q-2 Datasheet HTML 40Page - Sony Corporation CXD2720Q-2 Datasheet HTML 41Page - Sony Corporation CXD2720Q-2 Datasheet HTML 42Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
– 38 –
CXD2720Q-2
Cut-off
frequency (Hz)
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
2800
2900
3000
3100
3200
3300
3400
3500
3600
3700
3800
3900
4000
4100
4200
4300
4400
4500
4600
4700
4800
4900
5000
5100
5200
5300
5400
5500
0EE4
1035
1180
12C4
1403
153C
1670
179E
18C7
19EC
1B0C
1C28
1D40
1E53
1F63
2070
2179
227E
2381
2480
257D
2677
276E
2863
2956
2A46
2B34
2C20
2D0A
2DF3
2ED9
2FBE
30A2
3184
3265
3345
3423
3500
35DD
36B8
3793
386C
3945
3A1E
3AF6
3BCE
F11C
EFCB
EE80
ED3C
EBFD
EAC4
E990
E862
E739
E614
E4F4
E3D8
E2C0
EIAD
E09D
DF90
DE87
DD82
DC7F
DB80
DA83
D989
D892
D79D
D6AA
D5BA
D4CC
D3E0
D2F6
D20D
D127
D042
CF5E
CE7C
CD9B
CCBB
CBDD
CB00
CA23
C948
C86D
C794
C6BB
C5E2
C50A
C432
6237
5F95
5CFF
5A76
57F8
5586
531F
50C3
4E70
4C26
49E6
47AE
457F
4358
4138
3F1F
3D0D
3B02
38FD
36FE
3504
3311
3122
2F38
2D53
2B73
2996
27BE
25EA
2419
224C
2082
1EBA
1CF6
1B35
1975
17B9
15FE
1445
128F
10D9
0F26
0D74
0BC2
0A12
0863
5600
5700
5800
5900
6000
6100
6200
6300
6400
6500
6600
6700
6800
6900
7000
7100
7200
7300
7400
7500
7600
7700
7800
7900
8000
8100
8200
8300
8400
8500
8600
8700
8800
8900
9000
9100
9200
9300
9400
9500
9600
9700
9800
9900
10000
OFF
3CA5
3D7C
3E52
3F29
4000
40D6
41AD
4283
435A
4431
4509
45E1
46BA
4793
486C
4947
4A22
4AFF
4BDC
4CBA
4D9A
4E7B
4F5D
5041
5126
520C
52F5
53DF
54CB
SSB9
56A9
579C
5891
5988
5A82
5B7F
5C7E
5D81
5E86
5F8F
609C
61AC
62BF
63D7
64F3
0000
C35B
C284
C1AE
C0D7
C000
BF2A
BE53
BD7D
BCA6
BBCF
BAF7
BA1F
B946
B86D
B794
B6B9
B5DE
B501
B424
B346
B266
B185
B0A3
AFBF
AEDA
ADF4
AD0B
AC21
AB35
AA47
A957
A864
A76F
A678
A57E
A481
A382
A27F
A17A
A071
9F64
9E54
9D41
9C29
9B0D
8000
06B5
0507
035A
01AC
0000
FE54
FCA6
FAF9
F94B
F79D
F5EE
F43E
F28C
F0DA
EF27
ED71
EBBB
EA02
E847
E68B
E4CB
E30A
E146
DF7E
DDB4
DBE7
DA16
D842
D66A
D18D
D2AD
D0C8
CEDE
CCEF
CAFC
C902
C703
C4FE
C2F3
C0E1
BEC8
BCA8
BA81
B852
B61A
0000
HCa1
HCa0
HCb
Cut-off
frequency (Hz)
HCa1
HCa0
HCb
Table 14-2 (2). Coefficients of Microphone Echo High Cut (fs = 48kHz)


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com