Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 37 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 37 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 33Page - Sony Corporation CXD2720Q-2 Datasheet HTML 34Page - Sony Corporation CXD2720Q-2 Datasheet HTML 35Page - Sony Corporation CXD2720Q-2 Datasheet HTML 36Page - Sony Corporation CXD2720Q-2 Datasheet HTML 37Page - Sony Corporation CXD2720Q-2 Datasheet HTML 38Page - Sony Corporation CXD2720Q-2 Datasheet HTML 39Page - Sony Corporation CXD2720Q-2 Datasheet HTML 40Page - Sony Corporation CXD2720Q-2 Datasheet HTML 41Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
– 37 –
CXD2720Q-2
(2) Microphone Echo High Cut
Cut-off
frequency (Hz)
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
2800
2900
3000
3100
3200
3300
3400
3500
3600
3700
3800
3900
4000
4100
4200
4300
4400
4500
4600
4700
4800
4900
5000
5100
5200
5300
5400
5500
100E
1177
12D8
1432
1586
16D3
181A
195B
1A97
1BCE
1CFF
1E2C
1F55
2079
2199
22B5
23CE
24E3
25F4
2703
280E
2917
2A1D
2B21
2C22
2D21
2E1D
2F18
3011
3108
31FD
32F1
33E3
34D5
35C5
36B3
37A1
388E
397B
3A66
3B51
3C3B
3D26
3E0F
3EF9
3FE2
EFF2
EE89
ED28
EBCE
EA7A
E92D
E7E6
E6A5
E569
E432
E301
E1D4
E0AB
DF87
DE67
DD4B
DC32
DB1D
DA0C
D8FD
D7F2
D6E9
D5E3
D4DF
D3DE
D2DF
D1E3
D0E8
CFEF
CEF8
CE03
CD0F
CC1D
CB2B
CA3B
C94D
C85F
C772
C685
C59A
C4AF
C3C5
C2DA
C1F1
C107
C01E
5FE2
SD11
SA4E
579A
54F3
5259
4FCB
4D48
4AD0
4863
4600
43A6
4155
3F0D
3CCD
3A94
3863
3639
3416
31F9
2FE2
2DD0
2BC4
29BD
27BB
25BD
23C4
21CF
1FDD
1DEF
1C04
1A1C
1838
1655
1475
1298
10BC
0EE2
0D09
0B32
095C
0788
05B3
03E0
020D
003A
5600
5700
5800
5900
6000
6100
6200
6300
6400
6500
6600
6700
6800
6900
7000
7100
7200
7300
7400
7500
7600
7700
7800
7900
8000
8100
8200
8300
8400
8500
8600
8700
8800
8900
9000
9100
9200
9300
9400
9500
9600
9700
9800
9900
10000
OFF
40CC
41B5
429F
4389
4173
455E
464A
4136
4822
4910
49FF
4AEE
4BDF
4CD1
4DC5
4EBA
4FB0
50A9
51A3
529F
539D
549E
55A1
56A6
57AE
58B9
59C7
5AD8
5BEC
5D03
5E1F
5F3E
6061
6188
62B4
63E4
651A
6654
6794
68DA
6A25
6B77
6CD0
6E2F
6F96
0000
BF34
BE4B
BD61
BC77
BB8D
BAA2
B9B6
B8CA
B7DE
B6F0
B601
B512
B421
B32F
B23B
B146
B050
AF57
AE5D
AD61
AC63
AB62
AA5F
A95A
A852
A747
A639
A528
A414
A2FD
A1E1
A0C2
9F9F
9E78
9D4C
9C1C
9AE6
99AC
986C
9726
95DB
9489
9330
91D1
906A
8000
FE68
FC95
FAC2
F8EE
F719
F543
F36C
F194
EFBB
EDE0
EC02
EA23
E841
E65D
E476
E28C
E09F
DEAE
DCBA
DAC1
D8C5
D6C4
D4BE
D2B3
D0A3
CE8E
CC72
CA50
C828
C5F9
C3C2
C184
BF3E
BCEF
BA98
B837
B5CC
B357
B0D7
AE4C
ABB5
A911
A660
A3A1
A0D4
0000
HCa1
HCa0
HCb
Cut-off
frequency (Hz)
HCa1
HCa0
HCb
Table 14-2 (1). Coefficients of Microphone Echo High Cut (fs = 44.1kHz)


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com