Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 36 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 36 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 32Page - Sony Corporation CXD2720Q-2 Datasheet HTML 33Page - Sony Corporation CXD2720Q-2 Datasheet HTML 34Page - Sony Corporation CXD2720Q-2 Datasheet HTML 35Page - Sony Corporation CXD2720Q-2 Datasheet HTML 36Page - Sony Corporation CXD2720Q-2 Datasheet HTML 37Page - Sony Corporation CXD2720Q-2 Datasheet HTML 38Page - Sony Corporation CXD2720Q-2 Datasheet HTML 39Page - Sony Corporation CXD2720Q-2 Datasheet HTML 40Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
– 36 –
CXD2720Q-2
Cut-off
frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
7FD5
7FBF
7FAA
7F95
7F7F
7F6A
7F55
7F40
7F2A
7F15
7F00
7EEB
7ED6
7EC1
7EAC
7E97
7E82
7E6D
7E58
7E43
7E2E
7E1A
7E05
7DF0
7DDB
270
280
290
300
310
320
330
340
350
360
370
380
390
400
410
420
430
440
450
460
470
480
490
500
OFF
7DC6
7DB2
7D9D
7D88
7D74
7D5F
7D4B
7D36
7D22
7D0D
7CF9
7CE4
7CD0
7CBB
7CA7
7C93
7C7E
7C6A
7C56
7C42
7C2D
7C19
7C05
7BF1
0000
DC1a1
DC2a1
802B
8041
8056
806B
8081
8096
80AB
80C0
80D6
80EB
8100
8115
812A
813F
8154
8169
817E
8193
81A8
81BD
81D2
81E6
81FB
8210
8225
DC1a0
DC2a0
7FAA
7F7F
7F54
7F2A
7EFF
7ED5
7EAA
7E80
7E55
7E2B
7E01
7DD7
7DAC
7D82
7D58
7D2E
7D04
7CDA
7CB1
7C87
7C5D
7C34
7C0A
7BE0
7BB7
DC1b
DC2b
Cut-off
frequency (Hz)
DC1a1
DC2a1
823A
824E
8263
8278
828C
82A1
82B5
82CA
82DE
82F3
8307
831C
8330
8345
8359
836D
8382
8396
83AA
83BE
83D3
83E7
83FB
840F
8000
DC1a0
DC2a0
7B8D
7B64
7B3B
7B11
7AE8
7ABF
7A96
7A6D
7A44
7A1B
79F2
79C9
79A0
7977
794E
7926
78FD
78D5
78AC
7884
785B
7833
780A
77E2
0000
DC1b
DC2b
Table 14-1 (2). Coefficients of DC Cut1 for Accompaniment / DC Cut2 for Voice (fs = 48kHz)
Cut-off
frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
7FBF
7F9F
7F7F
7F5F
7F40
7F20
7F00
7EE0
7EC1
7EA1
7E82
7E63
7E43
7E24
7E05
7DE6
7DC6
7DA7
7D88
7D69
7D4B
7D2C
7D0D
7CEE
7CD0
270
280
290
300
310
320
330
340
350
360
370
380
390
400
410
420
430
440
450
460
470
480
490
500
OFF
7CB1
7C93
7C74
7C56
7C37
7C19
7BFB
7BDD
7BBF
7BA0
7B82
7B64
7B47
7B29
7B0B
7AED
7ACF
7AB2
7A94
7A77
7A59
7A3C
7A1E
7A01
0000
DC1a1
DC2a1
8041
8061
8081
80A1
80C0
80E0
8100
8120
813F
815F
817E
819D
81BD
81DC
81FB
821A
823A
8259
8278
8297
82B5
82D4
82F3
8312
8330
DC1a0
DC2a0
7F7F
7F3F
7EFF
7EBF
7E80
7E40
7E01
7DC1
7D82
7D43
7D04
7CC6
7C87
7C48
7C0A
7BCC
7B8D
7B4F
7B11
7AD3
7A96
7A58
7A1B
79DD
79A0
DC1b
DC2b
Cut-off
frequency (Hz)
DC1a1
DC2a1
834F
836D
838C
83AA
83C9
83E7
8405
8423
8441
8460
847E
849C
84B9
84D7
84F5
8513
8531
854E
856C
8589
85A7
85C4
85E2
85FF
8000
DC1a0
DC2a0
7963
7926
78E9
78AC
786F
7833
77F6
77BA
777E
7741
7705
76C9
768E
7652
7616
75DB
759F
7564
7529
74EE
74B3
7478
743D
7403
0000
DC1b
DC2b
Table 14-1 (3). Coefficients of DC Cut1 for Accompaniment / DC Cut2 for Voice (fs = 32kHz)


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com