Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 35 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 35 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 31Page - Sony Corporation CXD2720Q-2 Datasheet HTML 32Page - Sony Corporation CXD2720Q-2 Datasheet HTML 33Page - Sony Corporation CXD2720Q-2 Datasheet HTML 34Page - Sony Corporation CXD2720Q-2 Datasheet HTML 35Page - Sony Corporation CXD2720Q-2 Datasheet HTML 36Page - Sony Corporation CXD2720Q-2 Datasheet HTML 37Page - Sony Corporation CXD2720Q-2 Datasheet HTML 38Page - Sony Corporation CXD2720Q-2 Datasheet HTML 39Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
– 35 –
CXD2720Q-2
14. Filter Coefficient Table
[Relevant coefficients] DC1a1 (address = 05H), DC1a0 (address = 06H), DC1b (address = 07H),
DC2a1 (address = 08H), DC2a0 (address = 09H), DC2b (address = 0AH),
PEQa (address = 0BH), PEQb1 (address = 0CH), PEQb2 (address = 0DH),
PEQg (address = 0EH), HCa1 (address = 4BH), HCa0 (address = 4CH),
HCb (address = 4DH), IIR∗b (address = 62, 65, 68, 6BH),
IIR∗a1 (address = 60, 63, 66, 69H), IIR∗a0 (address = 61, 64, 67, 6AH)
The cut-off frequencies and PEQ gain, Q, and center frequency settings for each signal flow filter are shown in
Tables 14-1 (1) to 14-5 (3).
Note) • If the above setting values are changed during DSP operation, the output level becomes unstable for
several 1/fs.
• The coefficients differ depending on fs used. Please inquire with regard to use at fs other than this
value.
(1) DC Cut1 for Accompaniment/ DC Cut2 for Voice
Cut-off
frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
7FD1
7FBA
7FA2
7F8B
7F74
7F5D
7F46
7F2F
7F18
7F01
7EEA
7ED3
7EBC
7EA5
7E8E
7E77
7E61
7E4A
7E33
7E1C
7E06
7DEF
7DD9
7DC2
7DAC
270
280
290
300
310
320
330
340
350
360
370
380
390
400
410
420
430
440
450
460
470
480
490
500
OFF
7D95
7D7F
7D68
7D52
7D3B
7D25
7D0F
7CF8
7CE2
7CCC
7CB6
7CA0
7C8A
7C73
7C5D
7C47
7C31
7C1B
7C05
7BEF
7BDA
7BC4
7BAE
7B98
0000
DC1a1
DC2a1
802F
8046
805E
8075
808C
80A3
80BA
80D1
80E8
80FF
8116
812D
8144
815B
8172
8189
819F
81B6
81CD
81E4
81FA
8211
8227
823E
8254
DC1a0
DC2a0
7FA2
7F74
7F45
7F17
7EE9
7EBA
7E8C
7E5E
7E30
7E02
7DD4
7DA6
7D78
7D4B
7D1D
7CEF
7CC2
7C94
7C67
7C39
7C0C
7BDF
7BB2
7B85
7B58
DC1b
DC2b
Cut-off
frequency (Hz)
DC1a1
DC2a1
826B
8281
8298
82AE
82C5
82DB
82F1
8308
831E
8334
834A
8360
8376
838D
83A3
83B9
83CF
83E5
83FB
8411
8426
843C
8452
8468
8000
DC1a0
DC2a0
7B2B
7AFE
7AD1
7AA4
7A77
7A4B
7A1E
79F1
79C5
7998
796C
7940
7914
78E7
78BB
788F
7863
7837
780B
77DF
77B4
7788
775C
7731
0000
DC1b
DC2b
Table 14-1 (1). Coefficients of DC Cut1 for Accompaniment / DC Cut2 for Voice (fs = 44.1kHz)


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com