Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 33 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 33 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 29Page - Sony Corporation CXD2720Q-2 Datasheet HTML 30Page - Sony Corporation CXD2720Q-2 Datasheet HTML 31Page - Sony Corporation CXD2720Q-2 Datasheet HTML 32Page - Sony Corporation CXD2720Q-2 Datasheet HTML 33Page - Sony Corporation CXD2720Q-2 Datasheet HTML 34Page - Sony Corporation CXD2720Q-2 Datasheet HTML 35Page - Sony Corporation CXD2720Q-2 Datasheet HTML 36Page - Sony Corporation CXD2720Q-2 Datasheet HTML 37Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
– 33 –
CXD2720Q-2
12. Input/Output Level Settings
[Relevant coefficients] Ki (address = 00H), KisLm (address = 0FH), KisRc (address = 10H),
KiaLm (address = 11H), KiaRc (address = 12H), KisRm (address = 13H),
KisLc (address = 14H), KiaRm (address = 15H), KiaLc (address = 16H),
Kre (address = 45H), Krd (address = 49H), Kfb (address = 4AH),
KLf (address = 3CH), KRf (address = 3DH), KLpc (address = 3EH),
KRpc (address = 3FH), KLpt (address = 40H), KRpt (address = 41H),
KdryE (address = 42H), KdryL (address = 51H), KdryR (address = 52H),
Keff (address = 53H), KLm (address = 54H), KRm (address = 55H),
KLmc (address = 56H), KRmc (address = 57H), KLo (address = 58H),
KRo (address = 59H), Kmut (address = 5AH)
The input/output levels and volumes are 2's complement format with a decimal point between D15 and D14,
and hexadecimal notation with D15 as MSB and D0 as LSB.
The coefficient and level relationships are as follows.
D15 to D0
8000H
FFFFH
0000H
0dB
–90.31dB
Level
D15 to D0
8000H
FFFFH
0000H
+12.04dB
–78.27dB
Level
Table 12-1. Input/Output Level Settings
(other than Kre)
Table 12-2. Input/Output Level Settings
(Kre)
The input/output levels for 8001H to FFFEH are determined by the following formulas.
14
(Coefficient value) = [ (–1)
× D15 + ∑Dn × 2n–15] × (–1) for other than Kre
n = 0
14
(Coefficient value) = [ (–1)
× D15 + ∑Dn × 2n–15] × (–4) for Kre
n = 0
Input/output level = 20log [coefficient value] dB
∗ D15 to D0 are negative values, but the calculation is (–1) × (D15 to D0).
∗ Kmut is the coefficient of the soft mute.
This approaches the specified value approximately every 45µs.
For example, when the output with its level of 0dB (8000H) is set to OFF (0000H), it takes approximately
1.49s to change from 8000H to 0000H.


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com