Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 26 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 26 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 22Page - Sony Corporation CXD2720Q-2 Datasheet HTML 23Page - Sony Corporation CXD2720Q-2 Datasheet HTML 24Page - Sony Corporation CXD2720Q-2 Datasheet HTML 25Page - Sony Corporation CXD2720Q-2 Datasheet HTML 26Page - Sony Corporation CXD2720Q-2 Datasheet HTML 27Page - Sony Corporation CXD2720Q-2 Datasheet HTML 28Page - Sony Corporation CXD2720Q-2 Datasheet HTML 29Page - Sony Corporation CXD2720Q-2 Datasheet HTML 30Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
– 26 –
CXD2720Q-2
8. Coefficient RAM Setting
When the coefficient RAM is selected in microcomputer interface transmission mode, the coefficient
parameters such as each section's volumes and microphone echo delay amount can be set. Data settings
other than those given following in Tables 8-1 and 8-2 are “don't care”.
(1) Fixed Values for System Initialization
When the system is initialized, the coefficient RAM must be set at the fixed values, shown below, for internal
operation.
Address
01H
02H
03H
19H
1AH
1BH
1CH
20H
21H
23H
24H
25H
26H
27H
28H
2DH
31H
32H
33H
34H
35H
68A9H
5121H
6A30H
5460H
0000H
0000H
0000H
4000H
4000H
0010H
4000H
4000H
1600H
2A00H
3FF8H
8000H
0000H
0008H
4000H
1600H
2A00H
3FF8H
8000H
623EH
447CH
36H
3BH
43H
46H
48H
50H
72H
73H
74H
75H
76H
77H
78H
79H
7AH
7BH
7CH
7DH
7EH
7FH
0000H
0008H
0000H
0000H
0001H
0008H
0092H
0209H
02CDH
0109H
FDA0H
FD19H
0189H
058AH
016DH
F7BEH
F72AH
0A4EH
2706H
34EEH
Fixed value
fs = 44.1kHz
fs = 48kHz
fs = 32kHz
Table 8-1.
Address
Fixed value
fs = 44.1kHz
fs = 48kHz
fs = 32kHz


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com