Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet(PDF) 12 Page - Sony Corporation

Part # CXD2720Q-2
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2720Q-2 Datasheet(HTML) 12 Page - Sony Corporation

Back Button CXD2720Q-2 Datasheet HTML 8Page - Sony Corporation CXD2720Q-2 Datasheet HTML 9Page - Sony Corporation CXD2720Q-2 Datasheet HTML 10Page - Sony Corporation CXD2720Q-2 Datasheet HTML 11Page - Sony Corporation CXD2720Q-2 Datasheet HTML 12Page - Sony Corporation CXD2720Q-2 Datasheet HTML 13Page - Sony Corporation CXD2720Q-2 Datasheet HTML 14Page - Sony Corporation CXD2720Q-2 Datasheet HTML 15Page - Sony Corporation CXD2720Q-2 Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
– 12 –
CXD2720Q-2
Description of Functions
1. Master/Slave Modes
[Relevant pins] XMST, LRCK, BCK
When connecting multiple CXD2720Q-2s, or when using as a pair with a D/A converter such as the
CXD2558M, one of the CXD2720Q-2 should be in master mode to supply LRCK and BCK.
The clock applied to LRCK and BCK in slave mode must be synchronized to either the crystal oscillator clock
of the XTLI and XTLO pins or the external clock input from the XTLI pin
XMST
H
L
Slave mode
Master mode
Input
Output
Mode
LRCK, BCK I/O
2. Master Clock System
[Relevant pins] XTLI, XTLO, BFOT
768fs (fs = 44.1kHz) is assumed for the master clock system, and the connection is as shown below. (Please
inquire with regard to use at other than fs = 44.1kHz.)
(1) Master
Table 1-1. LRCK, BCK Mode Setting
768fs
XTLO
Frequency divider
XTLI
BFOT
768fs
384fs
O
I
O
768fs
XTLO
XTLI
O
I
768fs
OPEN
(2) Slave


Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results

Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com