Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2586R Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD2586R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2586R Datasheet(HTML) 1 Page - Sony Corporation

  CXD2586R Datasheet HTML 1Page - Sony Corporation CXD2586R Datasheet HTML 2Page - Sony Corporation CXD2586R Datasheet HTML 3Page - Sony Corporation CXD2586R Datasheet HTML 4Page - Sony Corporation CXD2586R Datasheet HTML 5Page - Sony Corporation CXD2586R Datasheet HTML 6Page - Sony Corporation CXD2586R Datasheet HTML 7Page - Sony Corporation CXD2586R Datasheet HTML 8Page - Sony Corporation CXD2586R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
Structure
Silicon gate CMOS IC
Absolute Maximum Ratings
• Supply voltage
VDD
–0.3 to +7.0
V
• Input voltage
VI
–0.3 to +7.0
V
(VSS – 0.3V to VDD +0.3V)
• Output voltage
VO
–0.3 to +7.0
V
• Storage temperature
Tstg
–40 to +125 °C
• Supply voltage difference VSS – AVSS –0.3 to +0.3
V
VDD – AVDD –0.3 to +0.3
V
Recommended Operating Conditions
• Supply voltage
• Operating temperature
∗ The V
DD
(min.) for the CXD2586R/-1 varies according
to the playback speed and built-in VCO selection. The
VDD (min.) is 4.5V when high-speed VCO and
quadruple-speed playback are selected (variable pitch
off). The VDD (min.) for the CXD2586R/-1 under
various conditions are as shown in the following table.
– 1 –
CXD2586R/-1
144 pin LQFP (Plastic)
E95Y01A65-ST
CD Digital Signal Processor with Built-in Digital Servo and DAC
Description
The CXD2586R/-1 is a digital signal processor LSI
for CD players. This LSI incorporates the digital
servo, digital filter and 1-bit DAC.
Features
• All digital signal processing during playback is
performed with a single chip
• Highly integrated mounting possible due to a built-
in RAM
Digital Signal Processor Block
• Playback mode which supports CAV (Constant
Angular Velocity)
• Frame jitter free
• Half-speed to octuple-speed continuous playback
possible with a low external clock (only CXD2586R-1
supports up to octuple speed)
• Allows relative rotational velocity readout
• Wide capture range playback mode
• Spindle rotational velocity following method
• Supports normal-speed, double-speed, quadruple-
speed, sextuple-speed and octuple-speed playback
(only CXD2586R-1)
• Wide frame jitter margin (±28 frames) due to a
built-in 32K RAM
• The bit clock, which strobes the EFM signal, is
generated by the digital PLL
• EFM data demodulation
• Enhanced EFM frame sync signal protection
• Refined super strategy-based powerful error correction
C1: double correction, C2: quadruple correction
• Octuple-speed (only CXD2586R-1), sextuple-speed,
quadruple-speed and double-speed playback (digital
signal processor and digital servo blocks)
• Noise reduction during track jumps
• Auto zero-cross mute
• Subcode demodulation and Sub Q data error detection
• Digital spindle servo (with oversampling filter)
• 16-bit traverse counter
• Asymmetry compensation circuit
• CPU interface on serial bus
• Error correction monitor signal, etc. output from a
new CPU interface
• Servo auto sequencer
• Fine search performs track jumps with high accuracy
• Digital audio interface outputs
• Digital level meter, peak meter
• Bilingual compatible
Digital Servo Block
• Microcomputer software-based flexible servo control
• Servo error signal, offset cancel function
• Servo loop, auto gain control function
• E:F balance, focus bias adjustment function
Digital Filters (DAC and LPF blocks)
• Low-pass filter for DAC
• Digital de-emphasis
• Digital attenuation
• 4fs oversampling filter
• Adopts secondary
∆∑ noise shaper
• LPF for DAC analog output
Playback
speed
× 8
(only CXD2586R-1)
× 6
× 4
× 2∗1
× 2
× 1∗2
× 1
4.75
4.50
4.50
4.00
3.40
3.40
3.40
4.00
3.40
3.40
4.50
VCO1 high
speed
VCO1 normal
speed
DAC
block
VDD (min.) [V]
—: Dashes indicate that there is no assurance of the
processor operating. All values are for variable pitch off.
1 When the internal operation of the LSI is set to normal-
speed playback and the operating clock of the signal
processor is doubled, double-speed playback results.
2 When the internal operation of the LSI is set to double-
speed mode and the crystal oscillating frequency is
halved in low power consumption mode, normal-speed
playback results.
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
For the availability of this product, please contact the sales office.


Similar Part No. - CXD2586R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD2587 SONY-CXD2587 Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588Q SONY-CXD2588Q Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588R SONY-CXD2588R Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

Similar Description - CXD2586R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com