Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2586R Datasheet(PDF) 8 Page - Sony Corporation

Part # CXD2586R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2586R Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXD2586R Datasheet HTML 4Page - Sony Corporation CXD2586R Datasheet HTML 5Page - Sony Corporation CXD2586R Datasheet HTML 6Page - Sony Corporation CXD2586R Datasheet HTML 7Page - Sony Corporation CXD2586R Datasheet HTML 8Page - Sony Corporation CXD2586R Datasheet HTML 9Page - Sony Corporation CXD2586R Datasheet HTML 10Page - Sony Corporation CXD2586R Datasheet HTML 11Page - Sony Corporation CXD2586R Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 127 page
background image
– 8 –
CXD2586R/-1
Electrical Characteristics
1. DC Characteristics
(VDD = AVDD = 5.0V ± 10%, Vss = AVss = 0V, Topr = –20 to +75°C)
Item
Input voltage (1)
Input voltage (2)
Input voltage (3)
Output voltage (1)
Output voltage (2)
Output voltage (1)
Output voltage (4)
Output voltage (5)
Input leak current (1)
Input leak current (2)
Input leak current (3)
Tri-state pin output leak current
1
2
3, 11, 12
4
5
6
7
13
1, 2, 3, 12
8
9
10
Schmitt input
Analog input
IOH = –4mA
IOL = 4mA
IOH = –2mA
IOL = 4mA
IOL = 4mA
IOH = –0.28mA
IOL = 0.36mA
IOH = –2mA
IOL = 8mA
VI = 0 to 5.5V
VI = 1.5 to 3.5V
VI = 0 to 5.0V
VO = 0 to 5.5V
High level input voltage
Low level input voltage
High level input voltage
Low level input voltage
Input voltage
High level output voltage
Low level output voltage
High level output voltage
Low level output voltage
Low level output voltage
High level output voltage
Low level output voltage
High level output voltage
Low level output voltage
VIH (1)
VIL (1)
VIH (2)
VIL (2)
VIN (3)
VOH (1)
VOL (1)
VOH (2)
VOL (2)
VOL (3)
VOH (4)
VOL (4)
VOH (5)
VOL (5)
ILI (1)
ILI (2)
ILI (3)
ILO
0.7VDD
0.8VDD
Vss
VDD – 0.8
0
VDD – 0.8
0
0
VDD – 0.5
0
VDD – 0.5
0
–10
–20
–40
–5
0.3VDD
0.2VDD
VDD
VDD
0.4
VDD
0.4
0.4
VDD
0.4
VDD
0.4
10
20
600
5
V
V
V
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
Conditions
Min.
Typ.
Max.
Unit Applicable pins
Applicable pins
1 XTSL, DATA, XLAT, MD2, PSSL, TEST, TES2, TES3, DFSW, DIRC, SSTP, ATSK, BCKI, LRCKI, PCMDI,
DTS1, DTS2, DTS7, DAS0, DAS1, XWO, PWMI
2 CLOK, XRST, EXCK, SQCK, MUTE, VCKI, ASYE, FSTI, SCLK, MCLK
3 CLTV, FILI, RFAC, ASYI, RFDC, TE, SE, FE, VC, VCTL
4 MDP, PDO, PCO, VPCO1, VPCO2
5 ASYO, DOUT, FSTO, C4M, C16M, SBSO, SQSO, SCOR, MON, LOCK, WDCK, SENS, MDS, DA01 to
DA16, LRCK, WFCK, FOK, COUT, MIRR, DFCT, FFON, FRDR, FRON, FFDR, TFON, TRDR, TRON,
TFDR, SFON, SRDR, SRON, SFDR, MCKO, V16M
6 FSW
7 FILO
8 TE, SE, FE, VC
9 RFDC
10 SENS, MDS, MDP, FSW, PDO, PCO, VPCO1, VPCO2
11 RFC
12 AIN1, AIN2
13 AOUT1, AOUT2, LOUT1, LOUT2


Similar Part No. - CXD2586R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD2587 SONY-CXD2587 Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588Q SONY-CXD2588Q Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588R SONY-CXD2588R Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

Similar Description - CXD2586R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com