Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2586R Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD2586R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2586R Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD2586R Datasheet HTML 2Page - Sony Corporation CXD2586R Datasheet HTML 3Page - Sony Corporation CXD2586R Datasheet HTML 4Page - Sony Corporation CXD2586R Datasheet HTML 5Page - Sony Corporation CXD2586R Datasheet HTML 6Page - Sony Corporation CXD2586R Datasheet HTML 7Page - Sony Corporation CXD2586R Datasheet HTML 8Page - Sony Corporation CXD2586R Datasheet HTML 9Page - Sony Corporation CXD2586R Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 127 page
background image
– 6 –
CXD2586R/-1
76
77
78
79
80
81
82
83
84
85
86
87
88
89
91
92
93
94
95
96
97
98
99
101
102
103
104
105
106
107
108
110
111
112
113
114
115
O
O
O
I
O
I
O
O
O
I
O
I
O
I
I
I
I
I
I
I
I
O
O
O
O
I
O
O
O
O
O
I
O
O
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
Z, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
2/3 frequency division output for MCLK pin. Does not change with variable pitch.
1/4 frequency division output for MCLK pin. Changes with variable pitch.
16.9344MHz output. Changes simultaneously with variable pitch.
Digital Out on/off control. (low: off, high: on)
Digital Out output pin.
Digital GND.
Mute (low: off, high: on)
WFCK (Write Flame Clock) output.
Outputs a high signal when either subcode sync S0 or S1 is detected.
Sub P to W serial output.
SBSO readout clock input.
Sub Q 80-bit and PCM peak and level data 16-bit output.
SQSO readout clock input.
SENS output to CPU.
System reset. Reset when low.
Used during 1-track jumps.
SENS serial data readout clock input.
DFCT switching pin. High: DFCT countermeasure circuit off.
Anti-shock pin.
Serial data input from CPU.
Latch input from CPU. Serial data is latched at the falling edge.
Serial data transfer clock input from CPU.
Track count signal output.
Digital power supply.
Mirror signal output.
Defect signal output.
Focus OK signal output.
Test pin. Not connected.
Spindle motor external pin input.
Spindle motor output filter switching output.
Spindle motor on/off control output.
Spindle motor servo control output.
Spindle motor servo control output.
GFS is sampled at 460Hz; when GFS is high, this pin outputs a high signal.
If GFS is low eight consecutive samples, this pin outputs low.
Disc innermost track detection signal input.
Sled drive output.
Sled drive output.
FSTO
C4M
C16M
MD2
DOUT
DVSS2
MUTE
WFCK
SCOR
SBSO
EXCK
SQSO
SQCK
SENS
XRST
DIRC
SCLK
DFSW
ATSK
DATA
XLAT
CLOK
COUT
DVDD2
MIRR
DFCT
FOK
TESTA
PWMI
FSW
MON
MDP
MDS
LOCK
SSTP
SFDR
SRON
Pin
No.
Symbol
I/O
Description


Similar Part No. - CXD2586R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD2587 SONY-CXD2587 Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588Q SONY-CXD2588Q Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588R SONY-CXD2588R Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

Similar Description - CXD2586R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com