Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2586R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2586R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2586R Datasheet(HTML) 5 Page - Sony Corporation

  CXD2586R Datasheet HTML 1Page - Sony Corporation CXD2586R Datasheet HTML 2Page - Sony Corporation CXD2586R Datasheet HTML 3Page - Sony Corporation CXD2586R Datasheet HTML 4Page - Sony Corporation CXD2586R Datasheet HTML 5Page - Sony Corporation CXD2586R Datasheet HTML 6Page - Sony Corporation CXD2586R Datasheet HTML 7Page - Sony Corporation CXD2586R Datasheet HTML 8Page - Sony Corporation CXD2586R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 127 page
background image
– 5 –
CXD2586R/-1
Pin
No.
37
38
39
40
41
42
43
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
62
63
64
65
66
67
68
69
70
71
72
73
74
75
O
O
O
O
O
O
O
I
O
O
I
O
I
O
I
I
I
I
I
I
I
O
I
I
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
Analog
Analog
1, 0
Analog
Analog
1, 0
DA06 output when PSSL = 1, C2PO output when PSSL = 0.
DA05 output when PSSL = 1, XRAOF output when PSSL = 0.
DA04 output when PSSL = 1, MNT3 output when PSSL = 0.
DA03 output when PSSL = 1, MNT2 output when PSSL = 0.
DA02 output when PSSL = 1, MNT1 output when PSSL = 0.
DA01 output when PSSL = 1, MNT0 output when PSSL = 0.
Digital GND.
Analog GND.
Analog power supply.
Channel 2 analog output.
Channel 2 analog input.
Channel 2 LINE output.
Analog GND.
Master clock power supply.
Master clock 33.8688MHz crystal oscillation circuit output.
Master clock 33.8688MHz crystal oscillation circuit output.
Master clock GND.
Analog GND.
Channel 1 LINE output pin.
Channel 1 analog input pin.
Channel 1 analog output pin.
Analog power supply.
Analog GND.
DAC test pin. Normally fixed to high.
DAC test pin. Normally fixed to high.
DAC test pin. Leave this open.
DAC test pin. Leave this open
DAC test pin. Leave this open.
DAC test pin. Leave this open.
DAC test pin. Normally fixed to low.
DAC sync window open input. Normally high, window open when low.
DAC test pin. Normally fixed to low.
DAC test pin. Normally fixed to low.
Crystal selection input.
DSP clock output.
DSP clock input.
2/3 frequency division input for MCLK pin.
DA06
DA05
DA04
DA03
DA02
DA01
DVSS1
AVSS41
AVDD4
AOUT2
AIN2
LOUT2
AVSS42
AVDD5
XTLO
XTLI
AVSS5
AVSS31
LOUT1
AIN1
AOUT1
AVDD3
AVSS32
DTS1
DTS2
DTS3
DTS4
DTS5
DTS6
DTS7
XWO
DAS0
DAS1
XTSL
MCKO
MCLK
FSTI
Symbol
I/O
Description


Similar Part No. - CXD2586R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD2587 SONY-CXD2587 Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588Q SONY-CXD2588Q Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588R SONY-CXD2588R Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

Similar Description - CXD2586R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com