Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2586R Datasheet(PDF) 2 Page - Sony Corporation

Part # CXD2586R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2586R Datasheet(HTML) 2 Page - Sony Corporation

  CXD2586R Datasheet HTML 1Page - Sony Corporation CXD2586R Datasheet HTML 2Page - Sony Corporation CXD2586R Datasheet HTML 3Page - Sony Corporation CXD2586R Datasheet HTML 4Page - Sony Corporation CXD2586R Datasheet HTML 5Page - Sony Corporation CXD2586R Datasheet HTML 6Page - Sony Corporation CXD2586R Datasheet HTML 7Page - Sony Corporation CXD2586R Datasheet HTML 8Page - Sony Corporation CXD2586R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 127 page
background image
– 2 –
CXD2586R/-1
Block Diagram
Error
corrector
Noise
Shaper
Peak
detector
OpAmp
AnaSw
A/D
CONVERTER
32K RAM
Digital PLL
Vari-Pitch
double speed
MUX
CLV
processor
18-times
oversampling
filter
MIRR
Servo
Interface
PWM GENERATOR
FOCUS PWM
GENERATOR
TRACKING PWM
GENERATOR
SLED PWM
GENERATOR
Clock
Generator
Subcode
P to W
processor
Timing
Generator1
Subcode Q
processor
Servo
auto
sequencer
CPU interface
4fs Digital Filter
+
1 bit DAC
EFM
Demodulator
Sync
protector
Priority
encoder
D/A
data
processor
Digital out
Address
generator
Timing
Generator2
SERVO DSP
FOCUS SERVO
TRACKING SERVO
SLED SERVO
MCKO
MCLK
VCKI
FSTO
C4M
C16M
PDO
VCOI
VCOO
PCO
FILI
FILO
CLTV
RFAC
ASYI
ASYO
ASYE
WFCK
SCOR
MON
FSW
MDP
MDS
EXCK
SBSO
SQCK
SQSO
AIN1
LOUT1
AOUT2
AIN2
SFDR, SFON
SRDR, SRON
TFDR, TFON
TRDR, TRON
FFDR, FFON
FRDR, FRON
SENS
PSSL
DA01 to DA16
MUTE
COUT
MIRR
DFCT
FOK
DATA
CLOK
XLAT
DOUT
MD2
RFDC
TE
SE
FE
8
DFCT
FOK
2
2
2
2
2
2
VC
CE
OSC
PWMI
V16M
VCTL
AOUT1
LOUT2
LPF
LPF
DAC block
Signal processor block
Servo block
2
3
4
5
6
7
8
9
10
12
14
15
19
20
23
25 27
47
48
49
52
53
56
57
58
68
67
63 64 65 66
62
72
73
74
82
83
84
76
77
78
88
87
86
85
79
80
89
99
98
97
96
91
1
102
103
104
105
106
107
108
110
111
127
128
129 131 132
134
135
136
140
141
142
143
144
16
18
43
45
46
50
51
54
55
59
60
81
101 126
130
137
139
11
124, 123
122, 125
120, 119
118, 121
116, 115
114, 117
42 to 31,
29, 28,
26, 24
VPCO1, 2
4, 5


Similar Part No. - CXD2586R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD2587 SONY-CXD2587 Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588Q SONY-CXD2588Q Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588R SONY-CXD2588R Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

Similar Description - CXD2586R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com