Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT3S111TU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MT3S111TU
Description  VHF-UHF Low-Noise, Low-Distortion Amplifier Application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT3S111TU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MT3S111TU Datasheet HTML 1Page - Toshiba Semiconductor MT3S111TU Datasheet HTML 2Page - Toshiba Semiconductor MT3S111TU Datasheet HTML 3Page - Toshiba Semiconductor MT3S111TU Datasheet HTML 4Page - Toshiba Semiconductor MT3S111TU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MT3S111TU
2009-03-31
3
hFE-IC
IC-VBE
10
100
1000
1
10
100
COMMON EMITTER
VCE=5V
Ta=25°C
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
COMMON EMITTER
VCE=5V
Ta=25°C
Collector-current IC(mA)
Base-emitter voltage VBE(V)
IC-VCE
fT-IC
0
10
20
30
40
50
60
70
0
1
234
56
COMMON EMITTER
Ta=25°C
IB=
40μA
80μA
120μA
160μA
200μA
0
5
10
15
1
10
100
VCE=5V
Ta=25°C
Collector-emitter voltage VCE(V)
Collector-current IC(mA)
|S21e|
2-IC
NF-IC
0
2
4
6
8
10
12
14
16
18
20
110
100
VCE=5V
Ta=25°C
f = 1GHz
f = 500MHz
0.0
0.5
1.0
1.5
2.0
2.5
1
10
100
VCE=5V
Ta=25°C
f = 500MHz
f = 1GHz
Collector-current IC(mA)
Collector-current IC(mA)


Similar Part No. - MT3S111TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S111TU TOSHIBA-MT3S111TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - MT3S111TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S21P TOSHIBA-MT3S21P Datasheet
176Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Application
MT3S15TU TOSHIBA-MT3S15TU Datasheet
176Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Application
MT3S111P TOSHIBA-MT3S111P Datasheet
169Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S19TU TOSHIBA-MT3S19TU Datasheet
169Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S19 TOSHIBA-MT3S19 Datasheet
178Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S106FS TOSHIBA-MT3S106FS Datasheet
144Kb / 5P
   VHF-UHF Low Noise Amplifier Application
MT3S111 TOSHIBA-MT3S111 Datasheet
167Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S113 TOSHIBA-MT3S113 Datasheet
210Kb / 7P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S113P TOSHIBA-MT3S113P Datasheet
191Kb / 7P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S19R TOSHIBA-MT3S19R Datasheet
168Kb / 5P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com