Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT3S111TU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # MT3S111TU
Description  VHF-UHF Low-Noise, Low-Distortion Amplifier Application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT3S111TU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  MT3S111TU Datasheet HTML 1Page - Toshiba Semiconductor MT3S111TU Datasheet HTML 2Page - Toshiba Semiconductor MT3S111TU Datasheet HTML 3Page - Toshiba Semiconductor MT3S111TU Datasheet HTML 4Page - Toshiba Semiconductor MT3S111TU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MT3S111TU
2009-03-31
4
Cre,Cob-VCB
OIP3-IC
0
0.4
0.8
1.2
1.6
2
2.4
0.1
1
10
IE=0
f=1MHz
Ta=25°C
Cob
Cre
0
5
10
15
20
25
30
35
40
1
10
100
VCE=5V
f1=500MHz
f2=501MHz
Pin=-15dBmW
Ta=25°C
Collector-base voltage VCB(V)
Collector-current IC(mA)
PC-Ta
0
100
200
300
400
500
600
700
800
900
0
25
50
75
100
125
150
The device is mounted on a ceramic-
board(25.4mm×25.4mm×0.8mm(t))
Device only
Ambient temperature Ta(°C)


Similar Part No. - MT3S111TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S111TU TOSHIBA-MT3S111TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - MT3S111TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S21P TOSHIBA-MT3S21P Datasheet
176Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Application
MT3S15TU TOSHIBA-MT3S15TU Datasheet
176Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Application
MT3S111P TOSHIBA-MT3S111P Datasheet
169Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S19TU TOSHIBA-MT3S19TU Datasheet
169Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S19 TOSHIBA-MT3S19 Datasheet
178Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S106FS TOSHIBA-MT3S106FS Datasheet
144Kb / 5P
   VHF-UHF Low Noise Amplifier Application
MT3S111 TOSHIBA-MT3S111 Datasheet
167Kb / 5P
   VHF-UHF Low-Noise, Low-Distortion Amplifier Applications
MT3S113 TOSHIBA-MT3S113 Datasheet
210Kb / 7P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S113P TOSHIBA-MT3S113P Datasheet
191Kb / 7P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
MT3S19R TOSHIBA-MT3S19R Datasheet
168Kb / 5P
   VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com