Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8530 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8530
Description  PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8530 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8530 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.belling.com.cn
Ver1.0
1/14
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
BL8530
SELECTION GUIDE:
BL8530
--XX X XX
OUTLINE:
The BL8530 series are CMOS-based PFM
step-up DC-DC Converter. The converter can
start up by supply voltage as low as 0.8V, and
capable of delivering maximum 200mA output
current at 3.3V output with 1.8V input Voltage.
Quiescent current drawn from power source is
as low as 7uA. All of these features make
BL8530 series be suitable for the portable
devices, which are supplied by a single battery
to four-cell batteries.
To reduce the noise caused by the switch
regulator, BL8530 is well considerated in circuit
design and manufacture. So that the interferer
to other circuits by the device is reduced
greatly.
BL8530
integrates
stable
reference
circuits and trimming technology, so it can
afford high precision and low temperature-drift
coefficient of the output voltage.
BL8530 is available in SOT-89-3 、
SOT-23-3 and SOT-23-5 packages which is PB
free. And in 5-pin packages, such as
SOT-23-5, the device can be switch on or off
easily by CE pin, to minimize the standby
supply current.
FEATURES:
Deliver 200mA at 3.3V Output voltage
with 1.8V input Voltage
Low start-up voltage (when the output
current is 1mA)--------------------------0.8V
The converter output voltage can be
adjusted from 2.5V~6.0V(In 0.1V step).
Output voltage accuracy -----------±2%
Low temperature-drift coefficient of the
output voltage------------------
±100ppm/℃
Only three external components are
necessary: An inductor, a Schottky diode
and an output filter capacitor
High power conversion efficiency---85%
Low quiescent current drawn from power
source------------------------------------- <7uA
APPLICATIONS
Power source for PDA、DSC、MP3
Player、electronic toy and wireless mouse
Power source for a single or dual-cell
battery-powered equipments
Power source for LED
PIN CONFIGURARION:
Function Description:
1 : Internal Tr. Driver ,
Without Enable circuit
2:Internal Tr. Driver,
With Enable circuit
3 : External Tr. Driver ,
Without Enable circuit
4:External Tr. Driver,With
Enable circuit
Output Voltage:
25……2.5V
30……3.0V
……
60……6.0V (In 0.1V step)
Package Type:
RN:SOT-23-5
RM:SOT-23-3
SM:SOT-89-3


Similar Part No. - BL8530

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
More results

Similar Description - BL8530

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
High Efficiency Low Noise PFM Step-up DC-DC Converter
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com