Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8530 Datasheet(PDF) 9 Page - SHANGHAI BELLING CO., LTD.

Part # BL8530
Description  PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8530 Datasheet(HTML) 9 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8530 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.belling.com.cn
Ver1.0
9/14
BL8530
Package information:
7.Ripple VS. Output Current
8.Ripple VS. Output Current
BL8530-251SM Ripple Voltage VS. Output Current
0
20
40
60
80
100
120
0
50
100 150 200 250 300 350 400 450 500
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.2V
Vin=1.5V
Vin=1.8V
Vin=2.0V
BL8530-331SM Ripple Voltage VS. Output Current
0
20
40
60
80
100
120
140
0
50
100 150 200 250 300 350 400 450 500
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.2V
Vin=1.5V
Vin=1.8V
Vin=2.0V
Vin=2.5V
9.Ripple VS. Output Current
BL8530-401SM Ripple Voltage VS. Output Current
0
20
40
60
80
100
120
140
0
50
100 150 200 250 300 350 400 450 500
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.2V
Vin=1.5V
Vin=1.8V
Vin=2.0V
Vin=2.5V
Vin=3.0V
10.Ino load VS. Input Voltage
BL8530 Quiescent Current(Ino load) VS. Input Voltage
0
5
10
15
20
25
30
35
40
00.5
11.5
2
2.5
33.5
Input Voltage(V)
Vout=2.5V
Vout=3.3V
Vout=4.0V


Similar Part No. - BL8530

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
More results

Similar Description - BL8530

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
High Efficiency Low Noise PFM Step-up DC-DC Converter
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com