Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8530 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL8530
Description  PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8530 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL8530 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8530 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.belling.com.cn
Ver1.0
5/14
BL8530
Before discussion,we define
Vout
Vin
Vout
D
.
(1)Inductor Selection
Above all, we should define the minimum value of the inductor that can ensure the boost
DC-DC to operate in the continuous current-mode condition.
f
R
D
D
L
L
2
)
1
(
min
2
The above expression is got under conditions of continuous current mode, neglect Schottky
diode’s voltage, ESR of both inductor and capacitor. The actual value is greater that it. If inductor’s
value is less than Lmin,the efficiency of DC-DC converter will drop greatly, and the DC-DC circuit will
not be stable.
Secondly, consider the ripple of the output voltage,
Lf
Vin
D
I
=
Lf
DVin
R
D
Vin
ax
L
2
)
1
(
Im
2
+
=
If inductor value is too small, the current ripple through it will be great. Then the current through
diode and power switch will be great. Because the power switch on chip is not ideal switch, the
energy of switch will improve. The efficiency will fall.
Thirdly,in general, smaller inductor values supply more output current while larger values start
up with lower input voltage and acquire high efficiency.
An inductor value of 3uH to 1mH works well in most applications. If DC-DC converter delivers
large output current (for example: output current is great than 50mA), large inductor value is
recommended in order to improve efficiency. If DC-DC must output very large current at low input
supply voltage, small inductor value is recommended.
The ESR of inductor will effect efficiency greatly. Suppose ESR value of inductor is rL,Rload is
load resistor,then the energy can be calculated by following expression :
2
)
1
(
D
R
r
load
L
η
For example: input 1.5V, output is 3.0V, Rload=20Ω, rL=0.5Ω, The energy loss is 10%.
Consider all above,inductor value of 47uH、ESR<0.5Ω is recommended in most applications.
Large value is recommended in high efficiency applications and smaller value is recommended
(2)Capacitor Selection
Ignore ESR of capacitor,the ripple of output voltage is:
Cf
R
D
Vout
Vout
r
load
=
=
So large value capacitor is needed to reduce ripple. But too large capacitor value will slow
down system reaction and cost will improve. So 100uF capacitor is recommended. Larger
capacitor value will be used in large output current system. If output current is small (<10mA),
small value is needed.
Consider ESR of capacitor,ripple will increase:
Vout
R
ax
r
r
ESR
+
=
Im
'
When current is large, ripple caused by ESR will be main factor. It may be greater than 100mV。
The ESR will affects efficiency and increase energy loss. So low-ESR capacitor (for example:
tantalum capacitor) is recommend or connect two or more filter capacitors in parallel.


Similar Part No. - BL8530

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
More results

Similar Description - BL8530

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
High Efficiency Low Noise PFM Step-up DC-DC Converter
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com