Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8305A Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8305A
Description  BALLAST CONTROL IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8305A Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8305A Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BL8305A
BL8305A
BL8305A
BL8305A BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
http://www.belling.com.cn
- 3 -
8/28/2006
Total 8 Pages
BLOCK DIAGRAM
BLOCK DIAGRAM
BLOCK DIAGRAM
BLOCK DIAGRAM
LEAD ASSIGNMENTS & DEFINITION
LEAD ASSIGNMENTS & DEFINITION
LEAD ASSIGNMENTS & DEFINITION
LEAD ASSIGNMENTS & DEFINITION
Pin#
Symbol
Description
1
VCC
Power Supply
2
VDC
6.3V regulator output
3
Rpre
Preheat
frequency
timing
voltage
4
Rt
Oscillator timing resistor
5
Ct
Oscillator timing capacitor
6
Cpre
Preheat timing capacitor
7
POff
End of preheat output
8
GND
IC power &signal ground
9
Pro
Current sensing input
10
FD
Filament detection input
11
LD
Window discriminator input
12
HV
Half-bridge output sense
13
OUT2
OUTPUT2
14
OUT1
OUTPUT1


Similar Part No. - BL8305A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8303 BELLING-BL8303 Datasheet
164Kb / 4P
   BL8303 is a special control IC for Electronic Starter.
More results

Similar Description - BL8305A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com